Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC143M Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # SC143M
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC143M Datasheet(HTML) 2 Page - Digitron Semiconductors

  SC143M Datasheet HTML 1Page - Digitron Semiconductors SC143M Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC143 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Characteristic
Symbol
Min
Typ
Max
Unit
DC gate trigger voltage (continuous dc) (2)
(VD = 12V, trigger mode)
MT2(+), G(+), RL = 100Ω
MT2(-), G(-), RL = 100Ω
MT2(+), G(-), RL = 50Ω
MT2(+), G(+), RL = 50Ω, TC = -40°C
MT2(-), G(-), RL = 50Ω, TC = -40°C
MT2(+), G(-), RL = 25Ω, TC = -40°C
MT2(+), G(+), RL = 1000Ω, TC = 100°C (3)
MT2(-), G(-), RL = 1000Ω, TC = 100°C (3)
MT2(+), G(-), RL = 1000Ω, TC = 100°C (3)
MT2(-), G(+), RL = 1000Ω, TC = 100°C (3)
VGT
-
-
-
-
-
-
0.20
0.20
0.20
0.20
-
-
-
-
-
-
-
-
-
-
2.5
2.5
2.5
3.5
3.5
3.5
-
-
-
-
Volts
Holding current (1)
(main terminal voltage = 24V, peak initiating current = 0.5A, pulse width = 1ms, duty
cycle ≤ 2%, gate trigger source = 7V, 20Ω, TC = 25°C)
(main terminal voltage = 24V, peak initiating current = 0.5A, pulse width = 1ms, duty
cycle ≤ 2%, gate trigger source = 7V, 20Ω, TC = -40°C)
IH
-
-
-
-
50
100
mA
Latching current (2)
(main terminal voltage = 24V, gate trigger source = 15V, 100Ω, trigger mode)
MT2(+), G(+)
MT2(-), G(-)
MT2(+), G(-)
MT2(+), G(+), TC = -40°C
MT2(-), G(-), TC = -40°C
MT2(+), G(-), TC = -40°C
IL
-
-
-
-
-
-
-
-
-
-
-
-
100
100
200
200
200
400
mA
Note 1: Values apply for either polarity of Main Terminal 2 characteristics referenced to Main Terminal 1.
Note 2: Main Terminal 1 is the reference terminal.
Note 3: With VD equal to rated off-state voltage.
MECHANICAL CHARACTERISTICS
TO-220AB
Inches
Millimeters
Min
Max
Min
Max
A
0.575
0.620
14.600
15.750
B
0.380
0.405
9.650
10.290
C
0.160
0.190
4.060
4.820
D
0.025
0.035
0.640
0.890
F
0.142
0.147
3.610
3.730
G
0.095
0.105
2.410
2.670
H
0.110
0.155
2.790
3.930
J
0.014
0.022
0.360
0.560
K
0.500
0.562
12.700
14.270
L
0.045
0.055
1.140
1.390
N
0.190
0.210
4.830
5.330
Q
0.100
0.120
2.540
3.040
R
0.080
0.110
2.040
2.790
S
0.045
0.055
1.140
1.390
T
0.235
0.255
5.970
6.480
U
-
0.050
-
1.270
V
0.045
-
1.140
-
Z
-
0.080
-
2.030
Case
TO-220AB
Marking
Alpha-numeric
Polarity
Cathode is stud
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com