Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC136 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # SC136
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC136 Datasheet(HTML) 2 Page - Digitron Semiconductors

  SC136 Datasheet HTML 1Page - Digitron Semiconductors SC136 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC136 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Characteristic
Symbol
Min
Typ
Max
Unit
Latching current
(VD = 24V)
Trigger source: 5V, 50Ω)
MT2(+), G(+); MT2(-), G(-), TC = 25°C
MT2(+), G(-), TC = 25°C
Trigger source: 10V, 50Ω)
MT2(+), G(+); MT2(-), G(-), TC = -40°C
MT2(+), G(-), TC = -40°C
IL
-
-
-
-
-
-
-
-
50
100
100
200
mA
Critical rate of rise of off-state voltage
(VD = Rated VDRM, gate open, TC = 110°C)
dv/dt
-
15
-
V/µs
Critical rate of rise of commutating voltage
(VD = Rated VDRM, IT(RMS) = 3A, di/dt = 1.6A/ms,gate open, TC = 65°C)
dv/dt
-
5
-
V/µs
Note 1: Torque rating applies with use of compression washer. Mounting torque in excess of 6 in. lb. does not appreciably lower case-to-sink thermal resistance. Node lead and
heatsink contact pad are common. Soldering temperatures shall not exceed +200°C.
MECHANICAL CHARACTERISTICS
Case
TO-126
Marking
Alpha-numeric
Polarity
Cathode is stud
TO-126
Inches
Millimeters
Min
Max
Min
Max
A
0.425
0.435
10.80
11.050
B
0.295
0.305
7.490
7.750
C
0.095
0.105
2.410
2.670
D
0.020
0.026
0.510
0.660
F
0.115
0.125
2.920
3.180
G
0.091
0.097
2.310
2.460
H
0.050
0.095
1.270
2.410
J
0.015
0.025
0.380
0.640
K
0.595
0.655
15.110
16.640
M
3° TYP
3° TYP
Q
0.148
0.158
3.760
4.010
R
0.045
0.055
1.140
1.400
S
0.025
0.035
0.640
0.890
U
0.145
0.155
3.680
3.940
V
0.040
-
1.020
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com