Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC141E Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SC141E
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC141E Datasheet(HTML) 1 Page - Digitron Semiconductors

  SC141E Datasheet HTML 1Page - Digitron Semiconductors SC141E Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC141 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak off-stage voltage, gate open
SC141A
SC141B
SC141D
SC141E
SC141M
SC141N
VDRM
100
200
400
500
600
700
Volts
RMS on-state current (TC = 80°C)
IT(RMS)
6
Amps
Peak non-repetitive surge current (One Cycle, 60Hz)
ITSM
80
Amps
Circuit fusing considerations
(t = 8.3ms)
I2t
26.5
A2s
Peak gate power (pulse width = 10µs)
PGM
10
Watts
Average gate power (TC = 80°C, t = 8.3ms)
PG(AV)
0.5
Watts
Peak gate current (pulse width = 10µs)
IGM
3.5
Amps
Peak gate voltage
VGM
10
Volts
Operating junction temperature range
TJ
-40 to +100
°C
Storage temperature range
Tstg
-40 to +125
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to case
RӨJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise noted, either polarity of MT2 to MT1, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak off state current
(VD = VDRM, gate open)
TC = 25°C
TC = 110°C
IDRM
-
-
-
-
0.1
0.5
mA
Peak on-state voltage
(ITM = 8.5A peak, pulse width ≤ 1 ms, duty cycle ≤ 2%)
VTM
-
-
1.83
Volts
Critical rate of rise of off-state voltage
(VD = Rated VDRM, gate open, exponential waveform, TC = 100°C)
dv/dt
-
50
-
V/µs
Critical rate of rise of commutating voltage
(IT(RMS) = Rated IT(RMS), VD = Rated VDRM, commutating di/dt = 3.2A/ms, gate open, TC =
80°C)
dv/dt(c)
4
-
-
V/µs
DC gate trigger current (continuous dc)
(VD = 12V, trigger mode)
MT2(+), G(+); MT2(-), G(-); RL = 100Ω
MT2(+), G(-);RL = 50Ω
MT2(+), G(+); MT2(-), G(-); RL = 50Ω, TC = -40°C
MT2(+), G(-);RL = 25Ω, TC = -40°C
IGT
-
-
-
-
-
-
-
-
50
50
80
80
mA
DC gate trigger voltage (continuous dc)
(VD = 12V, trigger mode)
MT2(+), G(+); MT2(-), G(-); RL = 100Ω
MT2(+), G(-);RL = 50Ω
MT2(+), G(+); MT2(-), G(-); RL = 50Ω, TC = -40°C
MT2(+), G(-);RL = 25Ω, TC = -40°C
(VD = Rated VDRM, RL = 1000Ω, TC = 100°C) all polarities
VGT
-
-
-
-
0.2
-
-
-
-
-
2.5
2.5
3.5
3.5
-
Volts
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205


Similar Part No. - SC141E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC141E ETC1-SC141E Datasheet
232Kb / 6P
6-A AND 10-A SILICON TRIACS
More results

Similar Description - SC141E

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
T6411 DIGITRON-T6411 Datasheet
268Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T6401 DIGITRON-T6401 Datasheet
269Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T4120 DIGITRON-T4120 Datasheet
142Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802 DIGITRON-T2802 Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2801 DIGITRON-T2801 Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2800 DIGITRON-T2800 Datasheet
145Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC149 DIGITRON-SC149 Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC136 DIGITRON-SC136 Datasheet
147Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400 DIGITRON-MAC6400 Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com