Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC136M Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SC136M
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC136M Datasheet(HTML) 1 Page - Digitron Semiconductors

  SC136M Datasheet HTML 1Page - Digitron Semiconductors SC136M Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC136 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak off-stage voltage
(TC = 110°C)
SC136B
SC136C
SC136D
SC136E
SC136M
VDRM
200
300
400
500
600
Volts
RMS on-state current (TC = 65°C)
IT(RMS)
3.0
Amps
Peak non-repetitive surge current (One Cycle, 60Hz)
ITSM
30
Amps
Circuit fusing considerations
(t = 1ms to 8.3ms)
I2t
3.6
A2s
Circuit rate of rise of on-state current
di/dt
5.0
A/µs
Peak gate power
PGM
5.0
Watts
Average gate power
PG(AV)
0.1
Watts
Peak gate voltage
VGM
5.0
Volts
Operating junction temperature range
TJ
-40 to +110
°C
Storage temperature range
Tstg
-40 to +150
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to case
RӨJC
10
°C/W
Thermal resistance, junction to ambient
RӨJA
75
°C/W
ELECTRICAL CHARACTERISTICS
(TC = 25°C unless otherwise noted, either polarity of MT2 to MT1, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak off state current
(Rated VDRM or VRRM, gate open)
TC = 25°C
TC = 110°C
IDRM,
IRRM
-
-
-
-
10
500
µA
Peak on-state voltage
(ITM = 5A peak, pulse width = 1 ms, duty cycle ≤ 2%)
VTM
-
-
1.8
Volts
DC gate trigger current (continuous dc)
(VD = 6V, RL = 50Ω)
MT2(+), G(+); MT2(-), G(-); MT2(+), G(-), TC = 25°C
(VD = 12V, RL = 50Ω)
MT2(+), G(+); MT2(-), G(-); MT2(+), G(-),TC = -40°C
IGT
-
-
-
-
25
50
mA
DC gate trigger voltage (continuous dc)
(VD = 12V, RL = 50Ω)
MT2(+), G(+); MT2(-), G(-); MT2(+), G(-), TC = 25°C
MT2(+), G(+); MT2(-), G(-); MT2(+), G(-), TC = -40°C
(VD = rated VDRM, all mode, TC = 110°C)
VGT
-
-
0.2
-
-
-
2.0
3.0
-
Volts
Holding current
(VD = 24V, RL = 200Ω, gate open)
TC = 25°C
TC = -40°C
IH
-
-
-
-
50
100
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130205


Similar Part No. - SC136M

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC130-W1 GARDTEC-SC130-W1 Datasheet
377Kb / 1P
C1008 Steel
SC130-W1B GARDTEC-SC130-W1B Datasheet
30Kb / 1P
C1008 Steel
SC130-W1SS GARDTEC-SC130-W1SS Datasheet
357Kb / 1P
304 Stainless Steel
SC130-W2 GARDTEC-SC130-W2 Datasheet
25Kb / 1P
C1008 Steel
SC130-W3 GARDTEC-SC130-W3 Datasheet
378Kb / 1P
C1008 Steel
More results

Similar Description - SC136M

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
T6411 DIGITRON-T6411 Datasheet
268Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T6401 DIGITRON-T6401 Datasheet
269Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T4120 DIGITRON-T4120 Datasheet
142Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802 DIGITRON-T2802 Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2801 DIGITRON-T2801 Datasheet
250Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2800 DIGITRON-T2800 Datasheet
145Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC149 DIGITRON-SC149 Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC146 DIGITRON-SC146 Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400 DIGITRON-MAC6400 Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com