Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP42C Datasheet(PDF) 3 Page - Motorola, Inc

Part # TIP42C
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP42C Datasheet(HTML) 3 Page - Motorola, Inc

  TIP42C Datasheet HTML 1Page - Motorola, Inc TIP42C Datasheet HTML 2Page - Motorola, Inc TIP42C Datasheet HTML 3Page - Motorola, Inc TIP42C Datasheet HTML 4Page - Motorola, Inc TIP42C Datasheet HTML 5Page - Motorola, Inc TIP42C Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP41A TIP41B TIP41C TIP42A TIP42B TIP42C
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
Z
θJC(t) = r(t) RθJC
R
θJC = 1.92°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) Z
θJC(t)
P(pk)
t1
t2
SINGLE PULSE
1.0 k
D = 0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
Figure 4. Thermal Response
0.1
0.05
0.02
0.01
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.05
0.2
0.5
2.0
5.0
200
500
10
20
50
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
20
5.0
60
100
Figure 5. Active–Region Safe Operating Area
0.2
0.1
0.5
SECONDARY BREAKDOWN LTD
BONDING WIRE LTD
THERMAL LIMITATION @ TC = 25°C
(SINGLE PULSE)
1.0 ms
2.0
1.0
10
5.0
0.5 ms
CURVES APPLY BELOW RATED VCEO
3.0
0.3
40
80
5.0 ms
TJ = 150°C
TIP41A, TIP42A
TIP41B, TIP42B
TIP41C, TIP42C
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150 _C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
0.1
0.4
0.6
4.0
0.06
1.0
2.0
0.2
IC, COLLECTOR CURRENT (AMP)
Figure 6. Turn–Off Time
5.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
6.0
1.0
3.0
5.0
20
0.5
10
2.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitance
300
200
100
70
50
30
30
50
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
Cib
Cob
3.0
ts
tf
TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com