Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH850F1L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RH850F1L
Description  Emulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850F1L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RH850F1L Datasheet HTML 8Page - Renesas Technology Corp RH850F1L Datasheet HTML 9Page - Renesas Technology Corp RH850F1L Datasheet HTML 10Page - Renesas Technology Corp RH850F1L Datasheet HTML 11Page - Renesas Technology Corp RH850F1L Datasheet HTML 12Page - Renesas Technology Corp RH850F1L Datasheet HTML 13Page - Renesas Technology Corp RH850F1L Datasheet HTML 14Page - Renesas Technology Corp RH850F1L Datasheet HTML 15Page - Renesas Technology Corp RH850F1L Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RH850/F1L Series E1/E20 Emulator Release Note(Restrictions when using CubeSuite+)
R20UT2743EJ0200 Rev.2.00
Page 13 of 13
Mar 20, 2014
No. 26 Regarding hot plug-in function
[Description]
The OCD does not support the hot plug-in function.
[Resolution]
None
When hot plug-in may be used in the future, it is necessary to make it the following circuit configurations.
As shown at Figure A, because 4.7uF capacitor is fixed with 8th pin of E1/E20 emulator inside, power supply
voltage in user system may decrease for an instant when it is in hot-plug connecting. This decrease in voltage
might lead MCU to be reset.
By fixing Ferrite Beads ( or inductor) and large-sized low ESR capacitor with an area close to VDD line of debug
connector ,as shown at Figure B, it is able to reduce the value of the voltage to the minimum. However, it is not
the solution that completely prevent it.
In addition, hot plug-in function is valid only for debugging.
Hot plug-in adapter(option) is required to use this function.
Support schedule of a hot plug-in function is T.B.D.
Figure A E1/E20 Emulator Internal circuit
Figure B The measure method of E1 Emulator
No. 27 Regardin
g static variable
[Description]
The following function cannot be used in the address range of the static variable in a source file.
The error “Cannot fine the symbol” is displayed.
Object function:
-Setting of Software break or Hardware break
-Setting of Event function(Break,trace, measurement function)
-Setting of action event
-Jump to memory
[Resolution]
None
4.7uF
VDD
4.7uF
VDD
4.7uF
VDD
Connector for Emulator
VDD
10~47uF
Ferrite Beads
or inductor
8
Connector for Emulator
VDD
10~47uF
Ferrite Beads
or inductor
8
Connector for Emulator
VDD
10~47uF
Ferrite Beads
or inductor
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com