Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78D09AAL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78D09AAL-TN3-R
Description  3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78D09AAL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78D09AAL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78D09AAL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78D09AAL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78D09AAL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78D09AAL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78D09AAL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78D09AAL-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78D09AAL-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78DXXAA
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R101-043.B
3-TERMINALS 1.5A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78DXXAA family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 1.5 A.
FEATURES
* Peak output current up to 1.5A.
* Fixed output voltage of 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V and
18V available.
* Thermal overload shutdown protection.
* Short circuit current limiting.
* Output transistor SOA protection.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
78DXXAAL-TN3-R
78DXXAAG-TN3-R
TO-252
I
G
O
Tape Reel
78DXXAAL-TN3-T
78DXXAAG-TN3-T
TO-252
I
G
O
Tube
Note: Pin Code: I: Input
G: GND
O: Output


Similar Part No. - 78D09AAL-TN3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78D09 ETC-78D09 Datasheet
59Kb / 6P
LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Foshan Blue Rocket Elec...
78D09 FOSHAN-78D09 Datasheet
1Mb / 6P
Voltage Regulator in a TO-252 Plastic Package
logo
Guangdong Youtai Semico...
78D09 UMW-78D09 Datasheet
520Kb / 9P
The 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
78D09 UMW-78D09 Datasheet
520Kb / 9P
DescriptionThe 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
78D09 UMW-78D09 Datasheet
520Kb / 9P
The 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
More results

Similar Description - 78D09AAL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXA UTC-78DXXA_09 Datasheet
205Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXA_1109 UTC-78DXXA_1109 Datasheet
200Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
3-Terminals 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXAA UTC-78DXXAA Datasheet
355Kb / 8P
3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com