Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJS6004TDPEJ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJS6004TDPEJ
Description  SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJS6004TDPEJ Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJS6004TDPEJ Datasheet HTML 1Page - Renesas Technology Corp RJS6004TDPEJ Datasheet HTML 2Page - Renesas Technology Corp RJS6004TDPEJ Datasheet HTML 3Page - Renesas Technology Corp RJS6004TDPEJ Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJS6004TDPP-EJ
Preliminary
R07DS0896EJ0300 Rev.3.00
Page 2 of 3
Jan 23, 2014
Main Characteristics
1
1000
100
10
1000
100
10
Ta = 25
°C
Reverse Voltage VR (V)
Capacitance vs. Reverse Voltage (Typical)
Forward Voltage VF (V)
Forward Current vs. Forward Voltage (Typical)
0
150
100
50
25
15
10
5
20
0
Case Temperature Tc (
°C)
IF vs. Tc Characteristics (Typical)
di/dt (A/
µs)
Reverse Recovery Time vs. di/dt (Typical)
0
20
40
10
30
50
100
200
300
400
500
0
IF = 10 A
Ta = 25
°C
0.1
1
10
100
0
2
13
4
Ta = 25
°C
150
°C
Pulse test
Per leg
DC
Duty=0.5
Duty=0.2
Duty=0.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com