Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50N06G-TND-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 50N06G-TND-R
Description  50 Amps, 60 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

50N06G-TND-R Datasheet(HTML) 7 Page - Unisonic Technologies

  50N06G-TND-R Datasheet HTML 1Page - Unisonic Technologies 50N06G-TND-R Datasheet HTML 2Page - Unisonic Technologies 50N06G-TND-R Datasheet HTML 3Page - Unisonic Technologies 50N06G-TND-R Datasheet HTML 4Page - Unisonic Technologies 50N06G-TND-R Datasheet HTML 5Page - Unisonic Technologies 50N06G-TND-R Datasheet HTML 6Page - Unisonic Technologies 50N06G-TND-R Datasheet HTML 7Page - Unisonic Technologies 50N06G-TND-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
50N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-088.G
TYPICAL CHARACTERISTICS(Cont.)
-100
Junction Temperature, TJ (°C)
-50
50
200
*Note:
1. VGS=0V
2. ID=250µA
100
150
1.2
Breakdown Voltage Variation vs.
Junction Temperature
0
1.1
1.0
0.9
0.8
-50
50
100
150
3.0
On-Resistance Variation vs.
Junction Temperature
0
2.0
1.0
0.5
0.0
1.5
2.5
Junction Temperature, TJ (°C)
*Note:
1. VGS=10V
2. ID=25A
101
100
10-1
Drain-Source Voltage, VDS (V)
Maximum Safe Operating
10-1
103
Case Temperature, TC (°C)
75
100
150
50
Maximum Drain Current vs.
Case Temperature
0
125
50
25
10
20
30
40
100
101
102
Operation in This
Area by RDS (on)
*Note:
1. Tc=25°C
2. TJ=150°C
3. Single Pulse
100µs
1ms
10ms
10ms
102



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com