Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RL78
Description  Renesas Flash Programmer
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 53Page - Renesas Technology Corp RL78 Datasheet HTML 54Page - Renesas Technology Corp RL78 Datasheet HTML 55Page - Renesas Technology Corp RL78 Datasheet HTML 56Page - Renesas Technology Corp RL78 Datasheet HTML 57Page - Renesas Technology Corp RL78 Datasheet HTML 58Page - Renesas Technology Corp RL78 Datasheet HTML 59Page - Renesas Technology Corp RL78 Datasheet HTML 60Page - Renesas Technology Corp RL78 Datasheet HTML 61Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 60 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
Note 1.
Current flowing only to the real-time clock (excluding the operating current of the XT1 oscillator). The TYP. value of the
current value of the RL78/G14 is the sum of the TYP. values of either IDD1 or IDD2, and IRTC, when the real-time clock
operates in operation mode or HALT mode. The IDD1 and IDD2 MAX. values also include the real-time clock operating
current. However, IDD2 subsystem clock operation includes the operational current of the real-time clock.
Note 2.
When high speed on-chip oscillator and high-speed system clock are stopped.
Note 3.
Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip oscillator).
The current value of the RL78/G14 is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog timer operates in STOP
mode.
Note 4.
Current flowing only to the A/D converter. The current value of the RL78/G14 is the sum of IDD1 or IDD2 and IADC when the
A/D converter operates in an operation mode or the HALT mode.
Note 5.
Current flowing only to the D/A converter. The current value of the RL78/G14 is the sum of IDD1 or IDD2 and IADC when the
D/A converter operates in an operation mode or the HALT mode.
Note 6.
Current flowing only to the comparator circuit. The current value of the RL78/G14 is the sum of IDD1, IDD2 or IDD3 and ICMP
when the comparator circuit operates in the Operating, HALT or STOP mode.
Note 7.
Current flowing only to the LVD circuit. The current value of the RL78/G14 is the sum of IDD1, IDD2 or IDD3 and ILVI when
the LVD circuit operates in the Operating, HALT or STOP mode.
Note 8.
Current flowing only to the BGO. The current value of the RL78/G14 is the sum of IDD1 or IDD2 and IBGO when the BGO
operates in an operation mode.
Note 9.
A comparator and D/A converter are provided in products with 96 KB or more code flash memory.
Remark 1. fIL: Low-speed on-chip oscillator clock frequency
Remark 2. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 3. fCLK: CPU/peripheral hardware clock frequency
Remark 4. Temperature condition of the TYP. value is TA = 25 °C
(3)
Common to RL78/G14 all products
(TA = -40 to +85
C, 1.6 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
RTC operating current IRTC
Notes 1, 2
fSUB = 32.768 kHz
Real-time clock operation
0.02
A
12-bit interval timer operation
0.02
Watchdog timer
operating current
IWDT
Notes 2, 3
fIL = 15 kHz
0.22
A
A/D converter
operating current
IADC
Note 4
When conversion
at maximum speed
Normal mode, AVREFP = VDD = 5.0 V
1.3
1.7
mA
Low voltage mode, AVREFP = VDD = 3.0 V
0.5
0.7
mA
A/D converter
reference voltage
current
IADREF
75
A
D/A converter
operating current
IDAC Notes
5, 9
Per D/A converter channel
1.5
mA
Comparator operating
current
ICMP Notes
6, 9
VDD = 5.0 V,
Regulator output
voltage = 2.1 V
Window comparator mode
12.5
A
High-speed comparator mode
6.5
A
Low-speed comparator mode
1.7
A
VDD = 5.0 V,
Regulator output
voltage = 1.8 V
Window comparator mode
8.0
A
High-speed comparator mode
4.0
A
Low-speed comparator mode
1.3
A
Temperature sensor
operating current
ITMPS
75
A
LVD operating current
ILVI Note 7
0.08
A
BGO operating
current
IBGO Note 8
2.50
12.20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com