Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78T05AAL-TQ2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 78T05AAL-TQ2-R
Description  3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78T05AAL-TQ2-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 78T05AAL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 9Page - Unisonic Technologies 78T05AAL-TQ2-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
78TXXAA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R101-044.A
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC 78T18AA
(VIN =27V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA ~ 1.0A
17.28
18.0
18.72
V
VIN =21V ~ 33V,
IOUT=5mA ~ 1.0A, PD≤15W
17.10
18.90
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA ~ 1.5A
100
mV
TJ =25°C,IOUT=0.25A ~ 0.75A
50
mV
Line regulation
VOUT
VIN =21V ~ 33V, TJ =25°C
180
mV
VIN =21V ~ 33V,
TJ =25°C, IOUT =1.0A
180
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =21.5V ~ 33V
1.0
mA
IOUT=5mA ~ 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
110
μV
Temperature Coefficient of Vo
Vo/T
IOUT=5mA
-2.2
mV/°C
Ripple Rejection
RR
VIN =22V ~ 32V,f=120Hz, TJ =25°C
53
69
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
For UTC 78T24AA
(VIN =33V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA ~ 1.0A
23.04
24.0
24.96
V
VIN =27V ~ 38V,
IOUT=5mA ~ 1.0A, ,PD≤15W
22.80
25.20
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA ~ 1.5A
100
mV
TJ =25C,IOUT=0.25A ~ 0.75A
50
mV
Line regulation
VOUT
VIN =27V ~ 38V, TJ =25°C
240
mV
VIN =27V ~ 38V, TJ =25°C,I OUT=1.0A
240
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =28V ~ 38V
1.0
mA
IOUT=5mA ~ 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
170
μV
Temperature Coefficient of Vo
Vo/T
IOUT=5mA
-2.8
mV/°C
Ripple Rejection
RR
VIN =28V ~ 38V, f=120Hz, TJ =25°C
50
66
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
Note 1: The Maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data above represents pulse test conditions with junction
temperatures specified at the initiation of test.
Note 2: Power dissipation<0.5W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com