Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78T10AAL-TQ2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78T10AAL-TQ2-R
Description  3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78T10AAL-TQ2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78T10AAL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 78T10AAL-TQ2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
78TXXAA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R101-044.A
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC 78T07AA
(VIN =13V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA - 1.0A
6.72
7.0
7.28
V
VIN =9.5V ~ 22V,
IOUT=5mA ~ 1.0A, PD≤15W
6.65
7.35
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA ~ 1.5A
100
mV
TJ =25°C,IOUT=0.25A ~ 0.75A
50
mV
Line regulation
VOUT
VIN =9V ~ 25V, TJ =25°C
70
mV
VIN =9.5V ~ 22V, TJ =25°C,IOUT=1.0A
70
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =9.5V ~ 22V
1.0
mA
IOUT=5mA ~ 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
50
μV
Temperature Coefficient of Vo
Vo/T
IOUT=5mA
-0.8
mV/°C
Ripple Rejection
RR
VIN =10V ~ 20V,f=120Hz, TJ =25°C
59
75
dB
Peak Output Current
IPEAK
TJ =25°C
1.7
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
For UTC 78T08AA
(VIN =14V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ =25°C, IOUT=5mA~ 1.0A
7.68
8.0
8.32
V
VIN =10.5V ~ 23V,
IOUT=5mA ~ 1.0A, PD≤15W
7.60
8.40
V
Dropout Voltage
VD
TJ =25°C
2.0
V
Load Regulation
VOUT
TJ =25°C,IOUT=5mA ~ 1.5A
100
mV
TJ =25°C,IOUT=0.25A ~ 0.75A
50
mV
Line regulation
VOUT
VIN =10.5V ~ 25V, TJ =25°C
80
mV
VIN =10.5V ~ 23V, TJ =25°C,IOUT=1.0A
80
mV
Quiescent Current
IQ
TJ =25°C, IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =10.5V ~ 23V
1.0
mA
IOUT=5mA ~ 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature Coefficient of Vo
Vo/T
IOUT=5mA
-0.9
mV/°C
Ripple Rejection
RR
VIN =11.5V ~ 21.5V,
f=120Hz, TJ =25°C
56
72
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com