Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78T12AAL-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78T12AAL-TQ2-R
Description  3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78T12AAL-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78T12AAL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 78T12AAL-TQ2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78TXXAA
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R101-044.A
3-TERMINAL 1.5A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78TXXAA family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications requiring supply
current up to 1.5 A.
FEATURES
* Output current up to 1.5A
* Fixed output voltage of 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V
and 24V available
* Thermal overload shutdown protection
* Short circuit current limiting
* Output transistor SOA protection
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
78TXXAAL-TQ2-T
78TXXAAG-TQ2-T
TO-263
I
G
O
Tube
78TXXAAL-TQ2-R
78TXXAAG-TQ2-R
TO-263
I
G
O
Tape Reel
Note: Pin Assignment: O: Output G: GND I: Input


Similar Part No. - 78T12AAL-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78T12AG-TQ2-R UTC-78T12AG-TQ2-R Datasheet
245Kb / 9P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T12AG-TQ2-T UTC-78T12AG-TQ2-T Datasheet
245Kb / 9P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T12AG-TQ3-R UTC-78T12AG-TQ3-R Datasheet
245Kb / 9P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T12AG-TQ3-T UTC-78T12AG-TQ3-T Datasheet
245Kb / 9P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78T12AL-TQ2-R UTC-78T12AL-TQ2-R Datasheet
245Kb / 9P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78T12AAL-TQ2-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1920 NTE-NTE1920 Datasheet
25Kb / 2P
3 Terminal Positive Voltage Regulator 18V, 1.5A
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
GLLM317 GTM-GLLM317 Datasheet
311Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
First Components Intern...
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317J FCI-LM317J Datasheet
365Kb / 3P
3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317S FCI-LM317S Datasheet
335Kb / 3P
3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
logo
Unisonic Technologies
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com