Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX100 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RX100
Description  Flash memory programming software
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX100 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RX100 Datasheet HTML 45Page - Renesas Technology Corp RX100 Datasheet HTML 46Page - Renesas Technology Corp RX100 Datasheet HTML 47Page - Renesas Technology Corp RX100 Datasheet HTML 48Page - Renesas Technology Corp RX100 Datasheet HTML 49Page - Renesas Technology Corp RX100 Datasheet HTML 50Page - Renesas Technology Corp RX100 Datasheet HTML 51Page - Renesas Technology Corp RX100 Datasheet HTML 52Page - Renesas Technology Corp RX100 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Renesas Flash Programmer V2.04
CHAPTER 2 FUNCTION DETAILS (BASIC MODE)
R20UT2908EJ0100 Rev. 1.00
Page 49 of 71
Mar. 31, 2014
<10> [ID Code Authentication] category
This category is used to specify ID code.
ID Code
(Authentication)
Changes the ID code for authentication.
• <Changing the ID code>
[High 8 Bytes:] box
Enter the 8 higher order bytes of the ID code.
[Low 8 Bytes:] box
Enter the 8 lower order bytes of the ID code.
[Import] button
The [Open] dialog box is opened; when an ID code file in the RFP ID Code File (*.rid)”
format is selected, the ID code read from the file will be input to the [ID Code] dialog box.
Notes 1. For a microcontroller with 8-byte ID code, leave High 8 Bytes blank, or enter
0xFF.
2. If the value of each input field is less than 8 bytes, RFP automatically input 0xFF
from the beginning of the field.
3. For a device with control code, enter the value at the first byte of the effective
data bytes.
Example 1: When Effective data bytes = 16, Control code = H’45, ID code =
H’010203, H’04050607, H’08090A0B, H’0C0D0E0F -> ‘High 8
Bytes:’ 4501020304050607 ‘Low 8 Bytes:’ 08090A0B0C0D0E0F
Example 2: When Effective data bytes = 8, Control code = H’45, ID code =
H’010203, H’04050607 -> ‘High 8 Bytes:’ FFFFFFFFFFFFFFFF
‘Low 8 Bytes:’ 4501020304050607
• <Output to file…>
The [Save As] dialog box is opened and the name of an ID code file in the “RFP ID Code
Files (*.rid)” format to be created is specified.
Automatic
authentication
This option selects whether or not to send the ID code automatically on ID code
authentication.
True
Enables automatic verification of the ID code.
False
The [ID Code] dialog box is opened on connection to a device to
which an ID code has been written.
Save to the project
file
This option selects whether or not to save the ID code in the project file.
True
Enables the option.
False
Disables the option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com