Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79D24AL-TN3-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 79D24AL-TN3-R
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79D24AL-TN3-R Datasheet(HTML) 8 Page - Unisonic Technologies

  79D24AL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 7Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 8Page - Unisonic Technologies 79D24AL-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
79DXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R101-039.D
TYPICAL CHARACTERISTICS
Time (2ms/div)
010
20
Time (4ms/div)
0
0
Dynamic Loading Test
Dynamic Loading Test
20
40
CH1
CH2
CH1
CH2
VIN=VO+5V, Io=0mA~1A,
CIN=10uF, COUT=10uF,
Ch1=VIN, Ch2=VOUT, Ch3=IO
0
0
CH3
CH3
VIN=VO+5V, Io=0mA~1A,
CIN=10uF, COUT=10uF,
Ch1=VIN, Ch2=VOUT, Ch3=IO
0
0
0
Time (10ms/div)
0
50
100
Power Supply Rejection
CH1
CH2
0
0
VIN=VO+5V,
Vip(rms)= 0.5V,
IO=10mA, CIN=10uF, CO=10uF,
f=120Hz, Ch1=VIN, Ch2=VOUT
Time (10ms/div)
050
100
Power Supply Rejection
CH1
CH2
0
0
VIN=VO+5V,
Vip(rms)= 0.5V,
IO=10mA, CIN=10uF, CO=10uF,
f=120Hz, Ch1=VIN, Ch2=VOUT
VOUT vs. Temperature
Temperature ( )
-12.15
50
30
-12.1
-12.05
-12
-11.95
-11.9
-11.85
-11.8
70
90
110
130
150
VIN=-14.5V, IOUT=-5mA
VOUT vs. Temperature
Temperature ( )
-15.3
40
20
-15.2
-15.1
-15
-14.9
-14.8
-14.7
60
80
100 120
160
140
VIN=-20V, IOUT=10mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com