Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNA087AE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # TNA087AE
Description  MPU & MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TNA087AE Datasheet(HTML) 2 Page - Renesas Technology Corp

  TNA087AE Datasheet HTML 1Page - Renesas Technology Corp TNA087AE Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
RENESAS TECHNICAL UPDATE
TN-RX*-A0
87A/E
Date: Feb. 25, 2014
2.
Changes to the Manual
With the above specification changes, Table 42.44 on page 1524 of RX210 Group User's Manual: Hardware is changed as
follows:
Before change
Table 42.44 Clock Timing
Conditions: VCC = AVCC0 = 1.62 to 5.5 V, VSS = AVSS0 = VREFL = VREFL0 = 0 V, Ta = -40 to +105°C
omitted
Note 6. There is no minimum or maximum value for 69-pin WLBGA.
Note 7. Characteristic value before mounting on the board for 69-pin WLBGA.
After change
Table 42.44 Clock Timing
Conditions: VCC = AVCC0 = 1.62 to 5.5 V, VSS = AVSS0 = VREFL = VREFL0 = 0 V, Ta = -40 to +105°C
omitted
Note 6. Characteristic value before mounting on the board for 69-pin WLBGA.
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
omitted
LOCO clock oscillation frequency*6
fLOCO
112.5
125
137.5
kHz
LOCO clock oscillation stabilization wait time
tLOCOWT
——
20
μs
Figure 42.62
HOCO clock oscillation frequency*7
fHOCO
31.680
32
32.320
MHz
Ta = 0 to 50°C
36.495
36.864
37.233
39.600
40
40.400
49.500
50
50.500
31.520
32
32.480
Ta = -40 to 105°C
36.311
36.864
37.417
39.400
40
40.600
49.250
50
50.750
omitted
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
omitted
LOCO clock oscillation frequency
fLOCO
112.5
125
137.5
kHz
LOCO clock oscillation stabilization wait time
tLOCOWT
——
20
μs
Figure 42.62
HOCO clock oscillation frequency*6
fHOCO
31.680
32
32.320
MHz
Ta = 0 to 50°C
36.495
36.864
37.233
39.600
40
40.400
49.500
50
50.500
31.520
32
32.480
Ta = -40 to 105°C
36.311
36.864
37.417
39.400
40
40.600
49.250
50
50.750
omitted



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com