Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70014 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 70014
Description  BACKlight LED Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70014 Datasheet(HTML) 1 Page - OSRAM GmbH

  70014 Datasheet HTML 1Page - OSRAM GmbH 70014 Datasheet HTML 2Page - OSRAM GmbH 70014 Datasheet HTML 3Page - OSRAM GmbH 70014 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LED005R4
Product Information Bulletin
BACKlight
LED Modules
• Uniform illumination of channel letter signs
• Long life: up to 100,000 hours depending on color
• OSRAM Power TOPLED® allows high luminous flux
• 120° viewing angle per LED
• Low profile (<5mm) allows installation where space
is limited
• Each module has 8 movable coupons connected
with wires
• Minimal heat generation
• Wire interconnects allow flexible mounting.
Total length can be varied from 0.8 ft. to 1.8 ft.
• Mounting hole allows easy installation by screw
or snap-in spacers
• Three modules can be connected head to tail. Up to six
modules in series with power fed to the center of the strip
• Many modules can be connected in parallel (limited only
by power source capacity and UL considerations)
• Listed in UL Sign Accessory Manual (SAM)
• Conformally coated to protect against moisture and
condensation (IP22)
• Available as a system with matching OPTOTRONIC®
power supplies (Literature Code ECS049)
The OSRAM SYLVANIA BACKlight – an innovative
alternative to neon and other conventional lighting.
BACKlight modules offer alternatives to traditional neon
sources. The main advantages of LED BACKlight over neon
or cold cathode sources are reduced manufacturing costs,
durability, reduced maintenance costs, and small size.
BACKlighting lamp modules are ideally suited to fit contours
and curves typical to advertising space and channel letters,
and can be used for general signage applications too. They
are available in red, yellow, true green, white, orange and blue.
OPTOTRONIC® LED power supplies from OSRAM SYLVANIA
are specially designed to operate the BACKlight modules
at 10.5V. A range of UL Class 2 power supplies are available
for indoor and outdoor, dry and damp location use.
Product Availability
Product
Color
BACKLITE/633/OS/LM03A/S
SUPER RED
BACKLITE/615/OS/LM03A/A
AMBER RED
BACKLITE/610/OS/LM03A/O
ORANGE
BACKLITE/587/OS/LM03A/Y
YELLOW
BACKLITE/525/0S/LM03A/T
TRUE GREEN
BACKLITE/470/OS/LM03A/B
BLUE
BACKLITE/OS/LM03A/W1
WHITE
BACKLITE/OS/LM03A/W2-854
WHITE
BACKLITE/OS/LM03A/W2-865
WHITE
Application Information
Applications
Backlighting advertising panels
Signs, channel letters, and displays
General lighting
Application Notes
1. Small dimensions
2. Shock resistance
3. High color efficiency
4. Directional radiation characteristics
5. No IR/UV radiation
6. Power supplies for operation


Similar Part No. - 70014

ManufacturerPart #DatasheetDescription
logo
Pro-Power
7001414 PROPOWER-7001414 Datasheet
485Kb / 1P
Multicore Cables Standard - Screened
04/04/12 V1.1
logo
3M Electronics
7001430 3M-7001430 Datasheet
261Kb / 2P
3M Moisture Barrier Bag Dri-Shield 2000
More results

Similar Description - 70014

ManufacturerPart #DatasheetDescription
logo
Rohm
LUB1000 ROHM-LUB1000 Datasheet
170Kb / 3P
LED Backlight Modules
logo
Gilway Technical Lamp
GTL-OS-70011 GILWAY-GTL-OS-70011 Datasheet
462Kb / 4P
Product Information Vulletin BACKlight LED Modules
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Global Mixed-mode Techn...
G5996 GMT-G5996 Datasheet
118Kb / 1P
LED Backlight Controller
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
LUMEX INC.
LCM-S04004DSF-XB LUMEX-LCM-S04004DSF-XB_17 Datasheet
118Kb / 2P
Transflective Led BackLight
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com