Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52001 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 52001
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

52001 Datasheet(HTML) 1 Page - Tyco Electronics

  52001 Datasheet HTML 1Page - Tyco Electronics 52001 Datasheet HTML 2Page - Tyco Electronics 52001 Datasheet HTML 3Page - Tyco Electronics 52001 Datasheet HTML 4Page - Tyco Electronics 52001 Datasheet HTML 5Page - Tyco Electronics 52001 Datasheet HTML 6Page - Tyco Electronics 52001 Datasheet HTML 7Page - Tyco Electronics 52001 Datasheet HTML 8Page - Tyco Electronics 52001 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Catalog 82020
Revised 11-02
Product Facts
Bar Crimp Technique
s
Terminals and Splices for
aluminum-to-aluminum and
aluminum-to-copper strip-
ped wire applications
s
Terminates stripped, strand-
ed and solid (round or rec-
tangular) aluminum and
copper conductors — indi-
vidually or in combination
s
Eliminates messy inhibitors
s
Available for a broad range
of wire sizes — from 16 AWG
to 500 MCM [1.25 to 253
mm2]
s
Low cost, reliable termi-
nations provide stable
electrical and mechanical
performance
s
UL 486B Listed where indi-
cated (see page 4)
1
1
Bar crimp only
Insulation Piercing Technique
s
Terminals and splices for
aluminum-to-aluminum,
copper-to-copper and alu-
minum-to-copper wire
applications
s
Terminates film insulated
solid aluminum, film insu-
lated solid copper, or un-
insulated stranded copper
conductors — individually or
in combination
s
Stripping of film insulated
solid conductors not
required
s
Eliminates messy inhibitors
s
Available for a broad range
of wire sizes — from 16 to
4/0 AWG [1.25 to 105 mm2]
s
Copper body construction
s
Low cost, reliable termi-
nations provide stable
electrical and mechanical
performance


Similar Part No. - 52001

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
520010 PAULSTRA-520010 Datasheet
190Kb / 4P
RADIAFLEX
520011 PAULSTRA-520011 Datasheet
190Kb / 4P
RADIAFLEX
520012 PAULSTRA-520012 Datasheet
190Kb / 4P
RADIAFLEX
520013 PAULSTRA-520013 Datasheet
190Kb / 4P
RADIAFLEX
520015 PAULSTRA-520015 Datasheet
190Kb / 4P
RADIAFLEX
More results

Similar Description - 52001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
68010 MACOM-68010 Datasheet
653Kb / 9P
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
SPLICE,PARALLEL,COPALUM,STRANDED
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
logo
TE Connectivity Ltd
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com