Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70046 Datasheet(PDF) 1 Page - 3M Electronics

Part # 70046
Description  3M Moisture Barrier Bag Dri-Shield 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

70046 Datasheet(HTML) 1 Page - 3M Electronics

  70046 Datasheet HTML 1Page - 3M Electronics 70046 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Data Sheet
3M™ Moisture Barrier Bag Dri-Shield 2000
3M™ Moisture Barrier Bag Dri-Shield 2000
Product Data Sheet
This aluminized moisture barrier bag is designed to provide a static safe environment
for sensitive electronic devices. The bags are heat sealable and suitable for vacuum
packaging. Bags are printed with ESD and moisture warning symbols and a lot code
for traceability.
3M Moisture Barrier Bags Dri-Shield 2000 are manufactured from a laminate of
multiple layers of aluminized polyester and polyethylene. Polyester provides puncture
resistance. Metal layers are intended to provide shielding of Electrostatic Discharge
(ESD) and to help minimize the penetration of electric field.
These bags are tested to meet or exceed certain electrical and physical requirements
of ANSI/ESD S541, and to be ANSI/ESD S20.20 program compliant. Bags are RoHS
Compliant* and lead-free**.
Physical
Typical Values
Testing Method
Moisture Vapor Transmission
Rate (MVTR)
0.035 grams/100 sq. in./24 hrs.1
MIL-STD-3010C Method 3030
Tensile Strength
7800 PSI, 54 MPa
ASTM D882
Puncture Resistance
20 lbs, 89 N
MIL-STD-3010C Method 2065
Seal Strength
15 lbs, 66N
ASTM D882
Thickness
3.6 mils, .0914 mm +/-15%
MIL-STD-3010C Method 1003
Marking Adhesion
Pass
IPC-TM-650 2.4.1
Electrical
Typical Values
Testing Method
ESD Shielding
<10 nJ
ANSI/ESD STM11.31
Surface Resistance - Interior <1x1011 ohms
ANSI/ESD STM11.11
Surface Resistance -
Exterior
<1x1011 ohms
ANSI/ESD STM11.11
Static Decay
< 2 seconds
ETS 406D Static Decay Meter, 5kV, 1%
Cutoff, 12%RH
EMI Attenuation
45 dB
1 to 10 GHz
Cleanliness
Typical Values
Testing Method
Silicone
Not Detected
FTIR
Heat Sealing Conditions
Typical Values
Temperature
300°F - 400°F, 140°C - 204°C
Time
0.6 - 4.5 seconds
Pressure
30 - 70 PSI, 2.05 - 4.8 KPa
3M™ Moisture Barrier Bag
Dri-Shield 2000
1
Standard deviation of 0.008 grams/100 sq. in./24 hrs.
This product is intended for commercial use only. This product is not on the Qualified Product
Listing under the Defense Standardization Program.


Similar Part No. - 70046

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70046 BELDEN-70046 Datasheet
220Kb / 2P
Speaker Cable LSZH 2x2.5mm², CPR Dca.
03-04-2023
70046.00100 BELDEN-70046.00100 Datasheet
220Kb / 2P
Speaker Cable LSZH 2x2.5mm², CPR Dca.
03-04-2023
70046.00500 BELDEN-70046.00500 Datasheet
220Kb / 2P
Speaker Cable LSZH 2x2.5mm², CPR Dca.
03-04-2023
logo
Sennheiser electronic S...
700460 SENNHEISER-700460 Datasheet
232Kb / 4P
Evolution Wireless Digital
V1.4
logo
Belden Inc.
70046LV BELDEN-70046LV Datasheet
222Kb / 2P
Speaker Cable LSZH 2x2.5mm², CPR B2ca.
12-20-2022
More results

Similar Description - 70046

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
Moisture Detector
MO220 EXTECH-MO220 Datasheet
189Kb / 15P
Moisture Meter
MO250 EXTECH-MO250 Datasheet
107Kb / 6P
Moisture Meter
logo
3M Electronics
70068 3M-70068 Datasheet
70Kb / 3P
MOISTURE BARRIER BAG, ALUMINIZED
D2746 3M-D2746 Datasheet
203Kb / 2P
How To Specify a 3M™ Static Shielding or Moist ure Barrier Bag
logo
List of Unclassifed Man...
13868 ETC2-13868 Datasheet
422Kb / 7P
Statshield Moisture Barrier Bags Application Instructions
logo
Molex Electronics Ltd.
130112-0177 MOLEX11-130112-0177 Datasheet
31Kb / 1P
Tube Shield for 1083-3M
logo
3M Electronics
TB3571 3M-TB3571 Datasheet
222Kb / 6P
3M??Hook and Loop Fastener Trial Bag TB3571 / TB3572
TB3526N 3M-TB3526N Datasheet
220Kb / 6P
3M™ Hook and Loop Fastener Trial Bag TB3526N / TB3527N
Aug-2011
316IR 3M-316IR Datasheet
75Kb / 2P
3M??Scotchlok??Moisture Resistant Self-Stripping Electrical Spring Connector 316IR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com