Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70102 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 70102
Description  BACKlight LED Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70102 Datasheet(HTML) 4 Page - OSRAM GmbH

  70102 Datasheet HTML 1Page - OSRAM GmbH 70102 Datasheet HTML 2Page - OSRAM GmbH 70102 Datasheet HTML 3Page - OSRAM GmbH 70102 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TOPLED is a registered trademark of Siemens Aktiengesellschaft Corporation.
OPTOTRONIC is a registered trademark of OSRAM GmbH used under license.
OSRAM is a registered trademark of OSRAM GmbH.
Specifications subject to change without notice.
OSRAM SYLVANIA
National Customer
Service and Sales Center
18725 N. Union Street
Westfield, IN 46074
Industrial & Commercial
Phone: 1-800-255-5042
Fax:
1-800-255-5043
National Accounts
Phone: 1-800-562-4671
Fax:
1-800-562-4674
OEM/Specialty Markets
Phone: 1-800-762-7191
Fax:
1-800-762-7192
Photo-Optic
Phone: 1-888-677-2627
Fax:
1-800-762-7192
In Canada
OSRAM SYLVANIA LTD.
Headquarters
2001 Drew Road
Mississauga, ON L5S 1S4
Industrial & Commercial
Phone: 1-800-263-2852
Fax:
1-800-667-6772
Special Markets
Phone: 1-800-265-2852
Fax:
1-800-667-6772
Visit our website: www.sylvania.com
Power Supply Ordering Information
OPTOTRONIC® 6W (51500)
OPTOTRONIC 25W (51505)
OPTOTRONIC 50W (51508, 51509)
LED Item
No. of
Max.
No. of
Max.
No. of
Max.
Number
Color
Modules*
Length (ft)
Modules*
Length (ft)
Modules*
Length (ft)
70081
Super Red
1
1.8
6
10.8
12
21.6
70011
Amber red
1
1.8
6
10.8
12
21.6
70071
Orange
1
1.8
6
10.8
12
21.6
70012
Yellow
1
1.8
6
10.8
12
21.6
70013
True Green
1
1.8
6
10.8
12
21.6
70014
Blue
1
1.8
6
10.8
12
21.6
70045
White
1
1.8
7
12.6
14
25.2
70102
White (W2)
1
1.8
4
7.2
9
16.2
70103
White (W2)
1
1.8
4
7.2
9
16.2
* Each module can be sub-divided into 8 coupons.
Ordering and Specification Information*
Wave Length
Item
Ordering
Volts
Current
Viewing
Number
(nm) or
Luminous
Number
Abbreviation
Color
Watts
(V DC)
(Amps)
Angle
of LEDs
Color temp. (K)
Flux (lm)
70081
BACKLITE/633/OS/LM03A/S
Super Red
4.2
10.5
0.40
120
32
633 nm
54
70011
BACKLITE/615/OS/LM03A/A
Amber Red
4.2
10.5
0.40
120
32
617 nm
54
70071
BACKLITE/610/OS/LM03A/O
Orange
4.2
10.5
0.40
120
32
606 nm
86
70012
BACKLITE/587/OS/LM03A/Y
Yellow
4.2
10.5
0.40
120
32
587 nm
69
70013
BACKLITE/525/OS/LM03A/T
True Green
4.2
10.5
0.40
120
32
525 nm
57
70014
BACKLITE/470/OS/LM03A/B
Blue
4.2
10.5
0.40
120
32
470 nm
9
70045
BACKLITE/OS/LM03A/W1
White
3.4
10.5
0.32
120
32
x = 0.32; y =0.31
29
70102**
BACKLITE/OS/LM03A/W2-854
White
5.3
10.5
0.50
120
32
5400K
69
70103**
BACKLITE/OS/LM03A/W2-865
White
5.3
10.5
0.50
120
32
6500K
69
* All Information relates to entire module with 32 LEDs. Modules may be sub-divided into 8 coupons of 4 LEDs each.
Data reflects statistical mean values. Actual data may differ depending on variances in the manufacturing process.
** New product. Contact OSRAM SYLVANIA for availability.
Ordering Guide
BACKLITE
/
470
/
OS
/
LM03A
/
B
Backlight Module
Wavelength
Opto
ID No.
Color Code
470 nm
Semiconductor
B = Blue



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com