Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADLD10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LADLD10
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LADLD10 Datasheet(HTML) 2 Page - Unisonic Technologies

  LADLD10 Datasheet HTML 1Page - Unisonic Technologies LADLD10 Datasheet HTML 2Page - Unisonic Technologies LADLD10 Datasheet HTML 3Page - Unisonic Technologies LADLD10 Datasheet HTML 4Page - Unisonic Technologies LADLD10 Datasheet HTML 5Page - Unisonic Technologies LADLD10 Datasheet HTML 6Page - Unisonic Technologies LADLD10 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LXXLD10
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-702.b
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
HSOP-8
AD: ADJ
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground pin.
2
FB
There’s an external resistor divider connected to this pin which is necessary to give
the feedback voltage to the regulator. The external circuit is combined as the follow:
between VOUT and FB is R1(connected with a bypass capacitor which can improve
the load transient response),and between FB and ground is R2.The value of R2 and
R1 are recommended between 100Ω~10kΩ.So the output voltage is equals:
VOUT=0.8·(1+
R2
R1
)(V)
3
VOUT
The output voltage pin of the regulator. There should be set an output capacitor to
compensate for closed-loop and also to improve transient responses. It’s necessary
to connect Pin 3 and Pin 4 together by wide tracks.
4
5
VIN
This pin is the main supply input.
It’s necessary to connect the Exposed Pad and VIN together for lower dropout
voltage. Monitoring this pin’s voltage can reset Power-On.
6
VCNTL
Power input pin of the control circuitry. Connecting this pin to a +5V (recommended)
supply voltage provides the bias for the control circuitry. The voltage at this pin is
monitored for Power-On Reset purpose.
7
POK
Output pin for Power-OK signal output.
Being an open drain output, through senescing FB voltage, this pin can show the
users the output voltage’s states. That’s this pin will be low under any of these two
situations: the rising FB voltage is not above the VPOK threshold; the falling FB
voltage is below the VPNOK threshold. That indicates the output voltage is not ready
for users.
8
EN
Input Enable control pin. The output voltage can be shut down when this pin is
below 0.3V. This pin’s voltage can be set higher than VCNTL voltage by an internal
10μA current source, and then the regulator will begin working normally.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com