Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70119 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # 70119
Description  Product Information Bulletin DRAGONtape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70119 Datasheet(HTML) 3 Page - OSRAM GmbH

  70119 Datasheet HTML 1Page - OSRAM GmbH 70119 Datasheet HTML 2Page - OSRAM GmbH 70119 Datasheet HTML 3Page - OSRAM GmbH 70119 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Safety Information
1. The LED module and all of its components must not be subject to mechanical stress.
2. Assembly must not damage or destroy the conducting paths on the circuit board.
3. Installation of the LED Modules and OSRAM LED power supplies need to be made with regard to all applicable electrical and safety
standards. Only qualified personnel should be allowed to perform installations.
4. Correct electrical polarity needs to be observed. Incorrect polarity may destroy the module.
5. All LEDs, up to the maximum number allowable for the power supply, should be installed in a single electrical series connection. Electrical
parallel connection can result in unbalanced voltage distribution resulting in damaging and potentially hazardous overload of some LEDs.
6. Pay attention to standard ESD precautions when handling and installing the module.
7. Only install according to the heat sinking parameters outlined in the Application Notes section.
8. Modules may be hot to touch; use caution.
Assembly Information/Application Notes
1. Solder connections should only be performed on designated solder pads at the locations of LED subunit marked “+” and “-“.
During soldering, do not exceed the maximum soldering time of 10 seconds and the maximum soldering temperature of 260°C.
2. The mounting of the module is facilitated by means of the double-sided adhesive on the back surface of the module. Care must be taken
to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particles. The mounting substrate must have
sufficient structural integrity. Take care to completely remove the adhesive backing. Once the module is appropriately positioned, press
on the module with about 20 N/cm2 (refer to application techniques of 3M adhesives transfer tapes).
3. The module should be installed onto flat surfaces to facilitate intimate thermal contact between the circuit board and the substrate material.
The module should not be installed onto curved surfaces.
Minimum and Maximum Ratings For DRAGONtape (all colors)
Parameter
Rating
Operating Temperature at Tc-Point
-30…+65°C (-22…+149°F)
Storage Temperature
-30…+85°C (-22…+185°F)
Maximum Allowable Current (dc)
350 mA
Maximum Reverse Voltage
0 V
Notes:
1. Exceeding maximum ratings may damage the LED module and cause potential safety hazards.
2. Elevated operating temperatures can be expected to negatively impact the service life in terms of lumen output.
3. Incorrect wiring (i.e. reverse polarity) with constant current power supplies may damage the LED module.
4. Not intended for use with constant voltage power supplies.
The LED Module incorporates no protection against short circuits, overload or overheating. Therefore it is necessary to operate the
modules with an electronically stabilized power supply offering protection against the above mentioned safety risks.
OSRAM OPTOTRONIC power supplies are specifically designed with protection features for safe operation.
When using power supplies other than OPTOTRONIC the following basic safety features should be verified in addition to any other
application specific concerns and local safety codes:
• Short circuit protection
• Overload protection
• Overheat protection
• Correct output voltage, including consideration for ripple and spikes.
WARNING: ONLY QUALIFIED PERSONNEL SHOULD PERFORM INSTALLATION.
TO AVOID ELECTRICAL SHOCK OR COMPONENT DAMAGE, DISCONNECT POWER BEFORE ATTEMPTING
INSTALLATION OF THE POWER SUPPLIES AND/OR MODULES.
Failure to install the power supplies and/or LED modules in accordance with the National Electric Code (NEC), all applicable Federal,
State and local electric codes as well as the specific Underwriter’s Laboratories (UL) safety standards for the installation, location and
application may cause serious personal injury, death, property damage and/or product malfunction. These instructions are guidelines for
installation of OSRAM LED modules and power supplies. Installation requirements may vary depending on the application. Licensed
electricians should provide all installation services for connection of both primary and secondary (input/output) of the power supplies.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com