Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70106 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 70106
Description  Product Information Bulletin DRAGONtape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70106 Datasheet(HTML) 1 Page - OSRAM GmbH

  70106 Datasheet HTML 1Page - OSRAM GmbH 70106 Datasheet HTML 2Page - OSRAM GmbH 70106 Datasheet HTML 3Page - OSRAM GmbH 70106 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Information Bulletin
DRAGONtape
®
LED022R1
OSRAM’s new DRAGONtape brings LED lighting to a level
that makes illumination applications possible.
The DRAGONtape, like our standard LED modules, is
available in many colors but the emphasis is on white for
illumination applications. DRAGONtape uses the new OSRAM
Golden DRAGON LED that delivers efficacy and service life
far in excess of incandescent lamps, offering cost savings for
energy and replacement labor. With a forward emitting
luminous flux comparable to that of many fluorescent lamp
fixtures, DRAGONtape may be specified for fluorescent
specialty applications such as task lighting, backlit displays
and refrigerated display cases. The DRAGONtape consists
of six LEDs on a lightweight circuit board that can be used
whole or subdivided. A self-adhesive backing allows the tape
to be mounted on a substrate of suitable thermal conductivity
to transfer heat away from the LEDs.
The module operates on special constant current power
supplies, available in AC-DC format for standard lighting
applications and DC-DC format for specialty applications
that already employ DC power, such as solar powered
batteries and certain transportation vehicles.
• 6 Golden DRAGON™ LEDs in series connection
with a one inch spacing
• Self-adhesive backing for easy, reliable assembly
• Intended for use with constant current power
supplies for optimal efficiency
• Circuit board can be cut to reconfigure LEDs;
connection made by soldering wires
• Size of entire module – 6 LEDs (LxW):
5.9 in x 1.0 in (150 mm x 25 mm)
• Size of smallest subunit – one LED (LxW):
1.0 in x 1.0 in (25 mm x 25 mm)
• Better efficacy than incandescent
or tungsten halogen
• Comparable illumination to many fluorescent
lamp fixtures
• New longer service life when installed with proper
thermal management
• No ultraviolet or infrared radiation
Product Availability
Wattage (W)
Product
LED Color
7.2
DRAGONtape/OS/DT6/W2-865
6500 K
7.2
DRAGONtape/OS/DT6/W2-854
5400 K
7.2
DRAGONtape/OS/DT6/W2-847
4700 K
7.2
DRAGONtape/OS/DT6/W2-833
3300 K
4.8
DRAGONtape/OS/DT6/A1
617 nm
4.8
DRAGONtape/OS/DT6/Y1
587 nm
7.2
DRAGONtape/OS/DT6/V1
505 nm
7.2
DRAGONtape/OS/DT6/B1
465 nm
Application Information
Applications
Power Supply Information
Task lighting – reading lights, under cabinet lighting
Accent lighting – cove lighting, outdoor/landscape lighting
Refrigerated and freezer display case lighting
Light box, backlit graphics, edge lighting
Vehicle cabin lighting – RV, truck, boat, airplane
Solar powered installations
The DRAGONtape is presently compatible with the
OT9/100-120/350 (NAED 51525) and the OT9/10-24/350
DIM E (NAED 51526) power supply products. Contact your
OSRAM SYLVANIA representative for specific information
on these products and possible updates to this list.


Similar Part No. - 70106

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
70106 OSRAM-70106 Datasheet
127Kb / 4P
DRAGONtape
logo
FIBOX Enclosing innovat...
7010610 FIBOX-7010610 Datasheet
53Kb / 1P
Earth screw
02.08.2023
7010635 FIBOX-7010635 Datasheet
42Kb / 1P
Cover screw
02.08.2023
logo
JUMO UK LTD
701066 JUMOUKLTD-701066 Datasheet
217Kb / 6P
JUMO eTRON M100 Electronic 2-channel microstat 76 × 36 mm format
More results

Similar Description - 70106

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
Product Information Bulletin CAX Mains-Voltage Halogen Lamp
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
logo
Gilway Technical Lamp
GTL-OS-70044 GILWAY-GTL-OS-70044 Datasheet
325Kb / 4P
Product Information Bulletin LINEARlight LED Modules
GTL-OS-70072 GILWAY-GTL-OS-70072 Datasheet
167Kb / 2P
Product Information Bulletin LINEARlight OPTICS
GTL-OS-70080 GILWAY-GTL-OS-70080 Datasheet
561Kb / 4P
Product Information Bulletin LINEARlight Colormix LED Module
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
Product Information Bulletin LINEARlight Flex Top Colormix
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
GTL-OS-70108 GILWAY-GTL-OS-70108 Datasheet
369Kb / 4P
Product Information Bulletin DRAGONpuck LED Module
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
product bulletin
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com