Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADLD10L-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LADLD10L-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LADLD10L-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LADLD10L-SH2-R Datasheet HTML 1Page - Unisonic Technologies LADLD10L-SH2-R Datasheet HTML 2Page - Unisonic Technologies LADLD10L-SH2-R Datasheet HTML 3Page - Unisonic Technologies LADLD10L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LADLD10L-SH2-R Datasheet HTML 5Page - Unisonic Technologies LADLD10L-SH2-R Datasheet HTML 6Page - Unisonic Technologies LADLD10L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LXXLD10
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-702.b
ELECTRICAL CHARACTERISTICS
(Refer to the typical application circuit. These specifications apply over, VCNTL = 5V, VIN = 1.5V, VOUT = 1.2V and
TA = 0 to 70°C, unless otherwise specified. Typical values refer to Ta = 25°C).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCNTL Nominal Supply Current
ICNTL
EN = VCNTL
0.4
1
2
mA
VCNTL Shutdown Current
ISD
EN = GND
180 380
µA
POR Threshold
VCNTL
VTHR
VCNTL Rising
2.7
2.9
3.1
V
VIN
VIN Rising
0.8
0.9
1.0
V
POR Hysteresis
VCNTL
VHYS
0.4
V
VIN
0.5
V
Reference Voltage
VREF
FB =VOUT
0.8
V
Output Voltage Accuracy
IOUT=0A~1A, TJ= -25 ~125°С
-1.5
+1.5
%
Line Regulation
OUT
×
IN
OUT
V
V
∆
V
∆
VCNTL=3.3~5V
0.1
0.2 %/V
Load Regulation
OUT
OUT
V
V
∆
IOUT=0A~1A
0.06 0.15
%
Current Limit
ILIMIT
VCNTL=5V, TJ= 25°С
2.0
3.2
A
VCNTL=5V, TJ= -25 ~ +125°С
2.0
A
VCNTL=3.3V, TJ= 25°С
2.0
3.0
A
VCNTL=3.3V, TJ= -25 ~ +125°С
2.0
A
Dropout Voltage
VD
VCNTL=5V, IOUT=1A, TJ= 25°С
0.06 0.1
V
VCNTL=5V, IOUT=1A,TJ= -50~+125°С
0.15
V
Over Temperature Shutdown
OTS
TJ Rising
150
°С
Over Temperature Hysteresis
OTH
50
°С
Under-Voltage Threshold
VFB Falling
0.4
V
EN Logic High Threshold Voltage
VEN Rising
0.3
0.4
0.5
V
EN Hysteresis
30
mV
EN Pin Pull-Up Current
EN=GND
10
μA
Soft-Start Interval
TSS
2
ms
POK Threshold Voltage for Power OK
VPOK
VFB Rising
90% 92% 94% VREF
POK Threshold Voltage for Power Not OK
VPNOK
VFB Falling
79% 81% 83% VREF
POK Low Voltage
POK sinks 5mA
0.25 0.4
V
POK Delay Time
TDELAY
1
3
10
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com