Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9269 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 9269
Description  4-Channel, 100 kS/s, 16-Bit, 0 to 20 mA Analog Output Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

9269 Datasheet(HTML) 1 Page - National Instruments Corporation

  9269 Datasheet HTML 1Page - National Instruments Corporation 9269 Datasheet HTML 2Page - National Instruments Corporation 9269 Datasheet HTML 3Page - National Instruments Corporation 9269 Datasheet HTML 4Page - National Instruments Corporation 9269 Datasheet HTML 5Page - National Instruments Corporation 9269 Datasheet HTML 6Page - National Instruments Corporation 9269 Datasheet HTML 7Page - National Instruments Corporation 9269 Datasheet HTML 8Page - National Instruments Corporation 9269 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
www.ni.com
Back to Top
Back to Top
Back to Top
Technical Sales
United States
(866) 531-6285
info@ni.com
Last Revised: 2011-01-26 15:59:59.0
4-Channel, 100 kS/s, 16-Bit, 0 to 20 mA Analog Output Module
NI 9265
0 to 20 mA output range, 16-bit resolution
Open-loop detection with interrupt, 0.0 mA power-on
Hot-swappable operation
4 analog outputs, 100 kS/s, simultaneously updated
-40 to 70 °C operating range
NIST-traceable calibration
Overview
High-performance analog output modules for NI CompactRIO embedded systems, NI R Series expansion chassis, and NI CompactDAQ hardware provide accurate signal
generation. Each module incorporates built-in signal conditioning and an integrated connector with screw-terminal or cable options for flexible and low-cost signal wiring. All
modules feature the NI CompactRIO Extreme Industrial Certifications and Ratings.
Requirements and Compatibility
OS Information
Real-Time OS
Windows
Driver Information
NI-DAQmx
NI-RIO
Software Compatibility
LabVIEW
LabWindows/CVI
Measurement Studio
SignalExpress
Visual C++
Visual Studio
Visual Studio .NET
Comparison Tables
Product
NI CompactRIO
Compatibility
NI CompactDAQ
Compatibility
Signal
Type
Channels
Resolution
(bits)
Max Update
Rate (S/s)
Range
Current
Drive
Simultaneous
Updating
9263
yes
yes
Voltage
4
16
100 k/ch
±10 V
1 mA/ch
yes
9264
yes
yes
Voltage
16
16
25 kS/s
±10 V
4 mA/ch
yes
9265
yes
yes
Current
4
16
100 k/ch
0 to 20
mA
20 mA/ch
yes
9269
yes
yes
Voltage
4
16
100 k/ch
±10 V
10 mA/ch
yes
|
|
|
Requirements and Compatibility
Ordering Information
Detailed Specifications
Pinouts/Front Panel Connections
For user manuals and dimensional drawings, visit the product page resources tab on ni.com.


Similar Part No. - 9269

ManufacturerPart #DatasheetDescription
logo
Littelfuse
9269 LITTELFUSE-9269 Datasheet
292Kb / 1P
DOOR PUSH BUTTON SWITCHES
2019 Rev: 021119
logo
Carclo Technical Plasti...
9269/30 COIL-9269/30 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Tyco Electronics
926900-1 MACOM-926900-1 Datasheet
70Kb / 1P
Universal M-N-L Stift DGB 1.5-2.5mm
926900-1 MACOM-926900-1 Datasheet
50Kb / 1P
Pins and Sockets standard version
logo
TE Connectivity Ltd
926900-1 TEC-926900-1 Datasheet
284Kb / 4P
2063438-1
02/03/2023
More results

Similar Description - 9269

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
logo
WAGO Kontakttechnik Gmb...
753-555 WAGO-753-555 Datasheet
583Kb / 12P
4-channel analog output; 4 ??20 mA
753-554 WAGO-753-554 Datasheet
577Kb / 12P
2-channel analog output; 4 ??20 mA
750-563-040-000 WAGO-750-563-040-000 Datasheet
581Kb / 12P
2-channel analog output; 0/4 ??20 mA; 16 bits; 6 ... 18 VDC; Extreme
750-563 WAGO-750-563 Datasheet
581Kb / 12P
2-channel analog output; 0/4 ??20 mA; 16 bits; 6 ... 18 VDC; Extreme
750-553 WAGO-750-553 Datasheet
588Kb / 12P
4-channel analog output; 0 ??20 mA
750-552 WAGO-750-552 Datasheet
525Kb / 12P
2-channel analog output; 0 ??20 mA
750-552-025-000 WAGO-750-552-025-000 Datasheet
525Kb / 12P
2-channel analog output; 0 ??20 mA; Ext. Temperature
753-553 WAGO-753-553 Datasheet
609Kb / 12P
4-channel analog output; 0 ??20 mA
753-552 WAGO-753-552 Datasheet
570Kb / 12P
2-channel analog output; 0 ??20 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com