Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1126L-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LC1126L-AG6-R
Description  ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1126L-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LC1126L-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1126L-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1126L-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1126L-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1126L-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1126L-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LC1126
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-050.a
BLOCK DIAGRAM
GND
EN
VCC
FB
DRV
POK
POK
Delay
+
-
92%
VREF
0.25V
UV
+
-
+
-
Vref=0.5V
Error
Amp
Power-ON
Reset
Enable
Thermal
Shutdown
Soft-Start
And
Control Logic



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com