Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1126G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LC1126G-AG6-R
Description  ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1126G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LC1126G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LC1126
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R102-050.a
ULTRA LOW OUTPUT
VOLTAGE LINEAR N-FET
CONTROLLER
DESCRIPTION
The UTC LC1126 is an ultra low output voltage linear N-FET
controller
designed
to
provide
well
supply
voltage
for
front-side-bus termination on motherboards and NB applications.
The UTC LC1126 integrates many functions. A Power-On-Reset
(POR) circuit monitors supply voltages to prevent wrong
operations. A POK indicates the output status with time delay
which is set internally. It can control other converter for power
sequence. It can available for SC-59-6 package.
The UTC LC1126 can be enabled by other power system. A
0.5V
reference
voltage
with
2%
accuracy providing
tight
regulation of the output voltage, enable control, open drain power
good signal, under-voltage protection and soft start.
FEATURES
* MLCC and POSCAP Stable
* 0.5V±2% Reference Voltage
* Internal soft-start
* Enable control
* Fast transient response
* Under-Voltage short circuit protection
* Power OK output with a delay time
* Adjustable output voltage down to 0.5V
* Drive N-Channel MOSFETs
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LC1126L-AG6-R
LC1126G-AG6-R
SOT-26
Tape Reel
LC1126L-AG6-R
(1)Packing Type
(2)Package Type
(3)Halogen Free
(1) R: Tape Reel
(2) AG6: SOT-26
(3) L: Lead Free, G: Halogen Free


Similar Part No. - LC1126G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC11 MICROSEMI-LC11 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC11 MICROSEMI-LC11 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC11 MICROSEMI-LC11 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC11 NJSEMI-LC11 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
TALEMA Group. LLC
LC11.10-15 TALEMA-LC11.10-15 Datasheet
56Kb / 1P
Miniature Low Cost Toroidal Inductors
More results

Similar Description - LC1126G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
8-Pin N-FET Linear Regulator Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
Ultra Low Output Voltage Dual Linear FET Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
Ultra Low Output Voltage Dual Linear FET Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
Ultra Low Output Voltage Linear FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com