Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2127AL-AD-AA3-D-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LD2127AL-AD-AA3-D-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2127AL-AD-AA3-D-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LD2127AL-AD-AA3-D-R Datasheet HTML 1Page - Unisonic Technologies LD2127AL-AD-AA3-D-R Datasheet HTML 2Page - Unisonic Technologies LD2127AL-AD-AA3-D-R Datasheet HTML 3Page - Unisonic Technologies LD2127AL-AD-AA3-D-R Datasheet HTML 4Page - Unisonic Technologies LD2127AL-AD-AA3-D-R Datasheet HTML 5Page - Unisonic Technologies LD2127AL-AD-AA3-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LD2127/A
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-054.a
APPLICATION NOTE of LD2127/A ADJUSTABLE(Cont.)
IN
OUT
ADJ
UTC LD2127/A
10µF
10µF
R1
1.2kΩ
VIN
VOUT
VREF
R2
Fig.3 Adjustable Output Voltage Application Circuit for MLCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com