Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2126 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR2126
Description  1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2126 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR2126 Datasheet HTML 1Page - Unisonic Technologies LR2126 Datasheet HTML 2Page - Unisonic Technologies LR2126 Datasheet HTML 3Page - Unisonic Technologies LR2126 Datasheet HTML 4Page - Unisonic Technologies LR2126 Datasheet HTML 5Page - Unisonic Technologies LR2126 Datasheet HTML 6Page - Unisonic Technologies LR2126 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR2126
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-A60.A
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT89-5
AD: ADJ
PIN ASSIGNMENTS
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
EN
Shutdown LR2126 enable; when the EN pin connects to GND will shutdown
the LR2126; At normal operation, EN must be tied to VDD through a 10KΩ pull
up resistor.
2
GND
Ground.
3
ADJ
Adjustable voltage version only – a resistor divider from this pin to the OUT pin
and ground sets the output voltage.
4
IN
Input voltage.
5
OUT
Output voltage.
Note: The NC pin is electrically open.
The NC pin can be connected to VIN or GND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com