Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9101L-18-AE5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9101L-18-AE5-R
Description  LOW NOISE 300mA LDO REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9101L-18-AE5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9101L-18-AE5-R Datasheet HTML 1Page - Unisonic Technologies LR9101L-18-AE5-R Datasheet HTML 2Page - Unisonic Technologies LR9101L-18-AE5-R Datasheet HTML 3Page - Unisonic Technologies LR9101L-18-AE5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LR9101
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-A14.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-23-5
12: 1.2V
18: 1.8V
27: 2.7V
25: 2.5V
28: 2.8V
33: 3.3V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin. Active when this Pin is high.
4
NC
No Connection
5
VOUT
Output Pin
BLOCK DIAGRAM
+
-
Current Limit
Reference
Voltage
GND
VOUT
CE
VIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com