Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1801L-18-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1801L-18-SH2-R
Description  1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1801L-18-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1801L-18-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR1801L-18-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR1801L-18-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR1801L-18-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR1801L-18-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR1801
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-A03.d
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON/OFF Pin Input Current “H”
ISH
VIN=VOUT(S)+1V,VON/OFF=5.5V
-0.1
0.1
uA
ON/OFF Pin Input Current “L”
ISL
VIN=VOUT(S)+1V,VON/OFF=0V
-0.1
0.1
uA
Ripple Rejection
|RR|
VIN=VOUT(S)+1V,
f=1khz,
△
Vrip=0.5Vrms,
IOUT=100mA
1.2V≤VOUT(S)<3.0V
65
dB
3.0V≤VOUT(S) ≤3.5V
60
Thermal Shutdown detection
temperature
TSD
Junction temperature
150
°C
Thermal Shutdown release
temperature
TSR
Junction temperature
120
°C
Notes: 1. The LR1801 output must be diode-clamped to ground. If used in a dual-supply system where the regulator
load is returned to a negative supply.
2. Between the VIN and VOUT terminals the output PMOS structure contains a diode. This diode is reverse
biased normally. If the voltage at the output terminal is forced to be higher than the voltage at the input
terminal this diode will get forward biased. This diode can withstand 1Amp of peak current and 200mA of
DC current typically.
3. Devices must be derated based on package thermal resistance at elevated temperatures.
4. VOUT(S): Specified output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT(=100ma) and inputting VOUT(S)+1.0V
5. Vdrop=VIN1-(VOUT3×0.98)
VOUT3 is the output voltage when VIN=VOUT(S)+1.0V and IOUT=300mA, 1000mA.
6. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the
output current.
7.The change in temperature [mV/°C] is calculated using the following equation.
()
/
/
1000
OUT
OUT
OUT S
AA
OUT
VV
mV
C
V
V
ppm
C
TT
V



 

 
 
8.The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be
paid to the power dissipation of the package when the output current is large.
This specification is guaranteed by design.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com