Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPSR Datasheet(PDF) 2 Page - Intel Corporation

Part # E10GSFPSR
Description  Dual- and Single-Port 10 Gigabit SFP Ethernet Converged Network Adapters Provide Ultimate Flexibility and Scalability in Virtual and Unified Storage Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPSR Datasheet(HTML) 2 Page - Intel Corporation

  E10GSFPSR Datasheet HTML 1Page - Intel Corporation E10GSFPSR Datasheet HTML 2Page - Intel Corporation E10GSFPSR Datasheet HTML 3Page - Intel Corporation E10GSFPSR Datasheet HTML 4Page - Intel Corporation E10GSFPSR Datasheet HTML 5Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PCI-SIG SR-IOV is a mechanism for devices
to advertise their ability to be directly
assigned to multiple virtual machines.
SR-IOV enables the partitioning of a
PCI Express* (PCIe) function into many
virtual interfaces for the purpose of
sharing the resources of a PCIe device
in a virtual environment. These virtual
interfaces are called Virtual Functions.
Each virtual function can support a unique
and separate data path for I/O-related
functions within the PCIe hierarchy. Use
of SR-IOV with a networking device, for
example, enables the bandwidth of a
single port (function) to be partitioned
into smaller slices that can be allocated
to specific VMs, or guests, via a standard
interface.
The Intel Ethernet X520 family of
adapters delivers the same functionality
and throughput as ten dual-port, one
gigabit adapters, saving cost, power, and
complexity. For more information on
virtualization please go to:
www.intel.com/go/vtc.
Unified Networking and Storage
The family of Intel Ethernet X520
adapters lowers your data center total
cost of ownership (TCO) by providing the
ability to route LAN and SAN traffic over a
single fabric.
Support for Fiber Channel over
Ethernet (FCoE)
FCoE encapsulates Fiber Channel frames
over standard Ethernet networks,
enabling Fiber Channel to take advantage
of 10 GbE networks while preserving its
native protocol. The X520 adapters offer
FCoE hardware acceleration to provide
performance comparable to FC HBAs. The
adapters support Data Center Bridging,
also known as Converged Enhanced
Ethernet (CEE), which enables customers
to configure traffic classes and priorities
to deliver a lossless Ethernet fabric.
An Intel Ethernet Converged Network
Adapter X520 reduces TCO by eliminating
redundant fabrics and saves the cost of
expensive FC HBAs and FC switch ports.
Support for iSCSI
The adapters provide complete support
for proven native OS and VMM iSCSI
initiators as well as iSCSI boot. Historically,
CRC32C computation has degraded
system performance, but now with the
CRC instruction set included in the latest
Intel® Xeon® processors, CRC validation is
possible with minimal impact to network
throughput while delivering superior data
integrity.
The Intel Ethernet family of X520
adapters do it all: 10 Gigabit LAN, FCoE,
and iSCSI; truly delivering on the promise
of unified networking.
Reliable Performance
The family of X520 adapters includes a
number of advanced features that enable
it to provide industry-leading performance
and reliability.
Security Optimizations
The adapters support IPsec offload for
Microsoft’s* Network Access Protection
(NAP), Active Directory,* and future
security capabilities in Windows 7*. An
X520 adapter enables customers to run
a secure network environment without
sacrificing performance.
PCIe v2.0 (5 GT/s)
PCIe v2.0 (5 GT/s) support enables
customers to take full advantage of 10
GbE by providing a maximum of 20 Gbps
bi-directional throughput per port on a
single dual port card.
Designed For Multi-core Processors
Support for technologies such as
multiple queues, receive-side scaling,
multiple MSI-X vectors, and Low Latency
Interrupts enable the X520 adapters to
provide high-performance, 10 Gigabit
connectivity in multi-core server blades.
These technologies distribute network
processing across multiple CPU cores,
improving overall performance.
For today’s demanding virtualized data
center environments, the new family of
X520 adapters deliver ultimate flexibility
and scalability.
Features
Benefits
General
Intel® 82599 10 Gigabit Ethernet Controller
• Industry-leading, energy-efficient design for next-generation 10 Gigabit performance
and multi-core processors
SFP+ Connectivity
• X520 Adapters with SFP+ connections support 10GBASE-SR, 10GBASE-LR and SFP+ Copper Direct
Attach physical media.
Low-profile
• Enables higher bandwidth and throughput from standard and low-profile PCIe slots and servers
Load balancing on multiple CPUs
• Increases performance on multi-processor systems by efficiently balancing network loads across
CPU cores when used with Receive-Side Scaling (RSS) from Microsoft or Scalable I/O on Linux*
iSCSI remote boot support
• Provides centralized storage area network (SAN) management at a lower cost than other iSCSI
solutions
Fibre Channel over Ethernet (FCoE) Support
• Includes FCoE Boot and Data Center Bridging
Support for most network operating systems (NOS)
• Enables widespread deployment
RoHS-compliant2
• Complies with the European Union directive 2002/95/EC to reduce the use of hazardous materials
Intel® PROSet Utility for Windows* Device Manager
• Provides point-and-click management of individual adapters, advanced adapter features, connection
teaming, and virtual local area network (VLAN) configuration
Time Sync (IEEE 1588*, 802.1as)
• Enables networked Ethernet equipment to synchronize internal clocks according to a network mas-
ter clock; endpoint can then acquire an accurate estimate of the master time by compensating for link
latency
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com