Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9273 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9273
Description  SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9273 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9273 Datasheet HTML 1Page - Unisonic Technologies LR9273 Datasheet HTML 2Page - Unisonic Technologies LR9273 Datasheet HTML 3Page - Unisonic Technologies LR9273 Datasheet HTML 4Page - Unisonic Technologies LR9273 Datasheet HTML 5Page - Unisonic Technologies LR9273 Datasheet HTML 6Page - Unisonic Technologies LR9273 Datasheet HTML 7Page - Unisonic Technologies LR9273 Datasheet HTML 8Page - Unisonic Technologies LR9273 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9273
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A30.a
SUPER LOW ON
RESISTANCE/LOW VOLTAGE
1A LDO REGULATOR
DESCRIPTION
The UTC LR9273 is a typical LDO (linear regulator) with features of
super low dropout, 1A output current capability, and -3mV typical load
regulation at 1A.
During operation of the UTC LR9273, the dropout voltage is very
low and the response of line transient and load transient are very well.
Internally, there’re many functions of UTC LR9273 which can be
seen in the block figure. There are a voltage reference unit, an error
amplifier, resistor-net for voltage setting, a current limit circuit, and a
chip enable circuit in each UTC LR9273.
The UTC LR9273 can be used as an ideal of the power supply for
hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and power
source for battery-powered equipment.
FEATURES
* Ultra Supply Current:
60µA (Typ.)
* Standby Mode:
0.1µA (Typ.)
* Very Low Dropout Voltage:
0.18V (Typ.)
@IOUT =1A, VOUT =2.85V
* Ripple Rejection:
70dB (Typ.)
@f=1kHz,VOUT=2.85V
* Temperature-Drift Coefficient
of Output Voltage:
±100ppm/°C (Typ.)
* Well Line Regulation:
0.02%/ V (Typ.)
* Output Voltage Accuracy:
±1.5% (Typ.)
* Internal Fold Back Protection
Circuit:
250mA (Typ.) @ short mode
* CIN=COUT=4.7µF or more (Ceramic capacitors) are recommended
to be used with this IC
SOP-8
1
SOT-89-5


Similar Part No. - LR9273

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273BG-28-AB5-R UTC-LR9273BG-28-AB5-R Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273BG-28-S08-R UTC-LR9273BG-28-S08-R Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273BG-33-AB5-R UTC-LR9273BG-33-AB5-R Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273BG-33-S08-R UTC-LR9273BG-33-S08-R Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
More results

Similar Description - LR9273

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
Super low on resistance/Low voltage LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1172 RICOH-R1172 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1173 RICOH-R1173 Datasheet
546Kb / 26P
Super low on resistance/Low voltage LDO
April 1, 2012
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
Super low on resistance/Low voltage LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com