Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

701192 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 701192
Description  TMS320C54CST Client Side Developers Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701192 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  701192 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Comprehensive DSP Tool Solutions
Search
Sales: (281) 494-4500 x 113
Log In | Printer Friendly| Cart Contents | Checkout
Home » C5000™ » 701192
Categories
Emulators
C2000™
C3x/4x™
C5000™
Development Bundles
Emulators
Evaluation Modules
Software
Special Hardware
Starter Kits
C6000™
OMAP™
DAVINCI™
Development Bundles
Evaluation Modules
Software
Special Hardware
Starter Kits
Third Party
View All Products ->
Shopping Cart
0 items
Applications
Modem algorithm
development
Benchmarking
Warranty: 1 year from date of
purchase on DSP board and
power supply
TMS320C54CST Client Side Developers
Kit
>
TMS320C54 CST Developers Kit
Part #: 701192
Price: $495.00
Hardware Features
?
Texas Instrument's
TMS320C54CST running
at 120 Mhz
?
256K words of on board
RAM
?
On board DAA/line
interface circuitry
?
On chip UART with 9 pin
D-connector
?
1 Meg x 16 on board Flash
memory
?
6 LEDs, user definable
?
4 position DIP switch,
user definable
?
Expansion bus
?
On board IEEE 1149.1
JTAG emulation connector
?
Size: 6.5" x 3.25" (165 87
mm), .062" thick
Software Features
?
Compatible with Code
Composer Studio from
Texas Instruments
?
Compatible with Win
98/NT/2000/XP
?
Compatible with all JTAG
emulators from Spectrum
Digital
What's Included
?
TMS320C54CST board
?
RJ-11 telephone cable
?
RS-232 cable
?
Power Supply
?
CD-ROM with demo code,
manual, and schematics
Do You need ?
?
JTAG Emulator
?
Code Composer Studio
© 2002-2009 Spectrum Digital, Inc.All Rights Reserved.


Similar Part No. - 701192

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
70119 OSRAM-70119 Datasheet
127Kb / 4P
Product Information Bulletin DRAGONtape
70119 OSRAM-70119 Datasheet
127Kb / 4P
DRAGONtape
More results

Similar Description - 701192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
Client Side Telephony DSP
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660_10 Datasheet
678Kb / 4P
High-Frequency Developers Kit for
Rev 1; 2/10
logo
List of Unclassifed Man...
HDDC24-24P-NM ETC2-HDDC24-24P-NM Datasheet
1Mb / 12P
Client Side Antennas
logo
Murata Manufacturing Co...
WIT2410DK MURATA-WIT2410DK Datasheet
145Kb / 1P
OEM Module Developers kits
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
Client Side Telephony DSP
logo
Good Will Instrument Co...
PEK-110 GWINSTEK-PEK-110 Datasheet
1Mb / 2P
SINGLE-PHASE INVERTER DEVELOPERS KIT
PEK-120 GWINSTEK-PEK-120 Datasheet
841Kb / 2P
BUCK CONVERTER DEVELOPERS KIT
PEK-130 GWINSTEK-PEK-130 Datasheet
817Kb / 2P
THREE PHASE INVERTER DEVELOPERS KIT
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
CLIENT SSD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com