Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR43328-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR43328-AG6-R
Description  Dual竊똋ow-Noise竊?00mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR43328-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR43328-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR43328-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR43328-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR43328-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR43328-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR43328-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR43328-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LR4XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-A39.a
ABSOLUTE MAXIMUM RATINGS (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage(Operating)
VIN
2.5 ~ 5.5
V
Supply Input Voltage(Survival)
-0.3 ~ +6.5
Enable Input Voltage
VEN
0 ~ 5.5
V
Lead Temperature (Soldering, 10 sec.)
+260
°C
ESD Rating (Note 2)
2
kV
Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Operation Temperature Range
TOPR
-40 ~ +85
°C
ELECTRICAL CHARACTERISTICS
(VIN = VOUT+0.5V or 2.5V, CIN = COUT = 2.2μF, EN1=EN2=VIN, TA= 25°C, for each LDO unless otherwise specified)
Notes:1. Limits beyond which damage to the device may occur is indicated by absolute maximum ratings.
Conditions for which the device is intended to be functional is indicated by operating ratings, but specific
performance` limits isn’t be guaranteed. Only for the test conditions listed the guaranteed specifications
can be applied. When the device is not operated under the listed test conditions some performance
characteristics may degrade.
2. Which discharged through a 1.5kΩ resistor into each pin is a 100pF capacitor in the human body model.
3. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL) − 100mV.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage Accuracy
(Load Regulation)
∆VOUT
IOUT=1mA to 200mA
-2
+2
%
Maximum Output Current
IMAX
Continous
200
mA
Current Limit
ILIM
RLOAD=1Ω
500
1000
mA
Quiescent Current
IG
No Load
165
260
μA
IOUT=100mA(Both LDOs)
165
260
μA
Dropout Voltage(Note3)
VDROP
IOUT=1mA
20
mV
IOUT=100mA
120
mV
IOUT=200mA
255
mV
Line Regulation
∆VLINE
VIN=(Vout+0.5V or 2.5V) to 5.5V
IOUT=1mA
-0.2
+0.2
%/V
En Input High Threshold
VIH
VIN=2.5V to 5.5V
1.6
V
En Input Low Threshold
VIL
VIN=2.5V to 5.5V
0.4
V
En Input Bias Current
ISD
EN=GND or VIN
100
nA
Shutdown Supply Current
IGSD
EN1=EN2=GND
0.01
2
μA
Thermal Shutdown Temperature
TSD
140
°C
Thermal Shutdown Hysteresis
∆TSD
10
°C
Output Voltage Noise
eNO
10~100kHz,COUT=4.7μF,
ILOAD=1mA
124
μVRMS
Output Voltage AC PSRR
PSRR
100Hz,COUT=4.7μF
ILOAD=100mA
62
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com