Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR42830-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR42830-AG6-R
Description  Dual竊똋ow-Noise竊?00mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR42830-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LR42830-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR42830-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR42830-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR42830-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR42830-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR42830-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR42830-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LR4XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-A39.a
TEST CIRCUITS(Cont.)
EN2
VIN
EN1
VOUT1
GND
C2
2.2μF
C3
2.2μF
VOUT2
IOUT1
IOUT2
PG
Pulse
Generator
Fig.3 Ripple Rejection, Line Transient Response Test Circuit
Fig.4 Load Transient Response Test Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com