Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR41230-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR41230-AG6-R
Description  Dual竊똋ow-Noise竊?00mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR41230-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR41230-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR41230-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR41230-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR41230-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR41230-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR41230-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR41230-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR4XXYY
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A39.a
Dual,Low-Noise,200mA LDO
REGULATOR
DESCRIPTION
The UTC LR4XXYY are dual voltage regulator ICs that have
high output voltage accuracy, low dropout, low supply current, and
high ripple rejection. Every Channel of UTC LR4XXYY series
consists of a voltage reference unit and over temperature
protection, simultaneity; also consists of an error amplifier, a
current limit circuit, resistors for setting output voltage, and a chip
enable circuit, respectively. The EN1 and EN2 pins control each
output respectively, When both outputs shutdown simultaneously,
the chip will be turn off and consumes nearly zero operation
current which is suitable for battery-power devices.
The load transient response and line transient response of the
UTC LR4XXYY Series are excellent, so these ICs are suitable for
hand-held communication equipment power supply.
FEATURES
* 200mA Guaranteed Output Current(Each LDO)
* Dual Shutdown Pins Control Each Output
* 120mV Dropout at 100mA Load
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
* RoHS Compliant and 100% Lead (Pb)-Free
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR4XXYYL-AG6-R
LR4XXYYG-AG6-R
SC59-6
Tape Reel
Note: XXYY: Output Voltage, refer to Marking Information.


Similar Part No. - LR41230-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR41218G-AG6-R UTC-LR41218G-AG6-R Datasheet
178Kb / 7P
Dual Low-Noise 200mA LDO REGULATOR
More results

Similar Description - LR41230-AG6-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR4XXYY ETL-LR4XXYY Datasheet
180Kb / 7P
Dual竊똋ow-Noise竊?00mA LDO REGULATOR
logo
National Instruments Co...
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
logo
SHANGHAI BELLING CO., L...
BL9103 BELLING-BL9103 Datasheet
297Kb / 6P
250mA竊똋ow Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com