Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9273DL-AD-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LR9273DL-AD-S08-R
Description  SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9273DL-AD-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

  LR9273DL-AD-S08-R Datasheet HTML 1Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 2Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 3Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 4Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 5Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 6Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 7Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 8Page - Unisonic Technologies LR9273DL-AD-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LR9273
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-A30.a
TYPICAL APPLICATION CIRCUIT(Cont.)
The Output Voltage may be adjustable for any output voltage between its 1.0V reference and its VDD setting level.
An external pair of resistors is required, as shown above.
The complete equation for the output voltage is described step by step as follows;
I2=IIC+I3 ………… (1)
I3=1.0/R3 ………… (2)
Thus,
I2=IIC+1.0/R3 ………… (3)
Therefore,
VOUT=1.0+R2×I2 ………… (4)
Put Equation (3) into Equation (4), then
VOUT=1.0+R2(IIC+1.0/R3)
=1.0(1+R2/R3)+R2×IIC ………… (5)
In 2nd term, or R2×IIC will produce an error in VOUT.
In Equation (5),
IIC=1.0/RIC ………… (6)
R2×IIC=R2×1.0/RIC
=1.0×R2/RIC ………… (7)
For better accuracy, choosing R2(<<RIC) reduces this error.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com