Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPU131 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MPU131
Description  PROGRAMMABLE UNIJUNCTION TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MPU131 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MPU131 Datasheet HTML 1Page - Digitron Semiconductors MPU131 Datasheet HTML 2Page - Digitron Semiconductors MPU131 Datasheet HTML 3Page - Digitron Semiconductors MPU131 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MPU131-MPU133
PROGRAMMABLE UNIJUNCTION TRANSISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power dissipation
Derate above 25°C
PF
1/ӨJA
375
5.0
mW
mW/°C
DC forward anode current
Derate above 25°C
IT
200
2.67
mA
mA/°C
DC gate current
IG
±20
mA
Repetitive peak forward current
100µs pulse width, 1.0% duty cycle
20µs pulse width, 1.0% duty cycle
ITRM
1.0
2.0
Amp
Non-repetitive peak forward current
10µs pulse width
ITSM
5.0
Amp
Gate to cathode forward voltage
VGKF
40
Volts
Gate to cathode reverse voltage
VGKR
5.0
Volts
Gate to anode reverse voltage
VGAR
40
Volts
Anode to cathode voltage
VAK
±40
Volts
Operating junction temperature range
TJ
-50 to 100
°C
Storage temperature range
Tstg
-65 to 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
sales@digitroncorp.com
Characteristic
Symbol
Min
Typ
Max
Unit
Peak current
(VS = 10Vdc, RG = 1.0MΩ)
(VS = 10Vdc, RG = 10kΩ)
MPU131
MPU132
MPU133
MPU131
MPU132
MPU133
IP
-
-
-
-
-
-
1.25
0.19
0.08
4.0
1.20
0.70
2.0
0.30
0.15
5.0
2.0
1.0
µA
Off set voltage
(VS = 10Vdc, RG = 1.0MΩ)
(VS = 10Vdc, RG = 10kΩ)
MPU131
MPU132
MPU133 (all types)
VT
0.2
0.2
0.2
0.2
0.70
0.50
0.40
0.35
1.6
0.6
0.6
0.6
Volts
Valley current
(VS = 10Vdc, RG = 1.0MΩ)
(VS = 10Vdc, RG = 10kΩ)
MPU131, MPU132
MPU133
MPU131
MPU132, MPU133
IV
-
-
70
50
18
18
270
270
50
25
-
-
µA
Gate to anode leakage current
(VS = 40Vdc, TA = 25°C, cathode open)
(VS = 40Vdc TA = 75°C, cathode open)
IGAO
-
-
1.0
30
5.0
75
nAdc
Gate to cathode leakage current
(VS = 40Vdc, anode to cathode shorted)
IGKS
-
5.0
50
nAdc
Forward voltage
(IF = 50mA peak)
VF
-
0.8
1.5
Volts
Peak output voltage
(VB = 20Vdc, CC = 0.2µF)
VO
6.0
11
-
Volts
Pulse voltage rise time
(VB = 20Vdc, CC = 0.2µF)
tr
-
40
80
ns
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130115


Similar Part No. - MPU131

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
130W Desk Top Switching Power Supplies For Medical Equipment
MPU130-105 MPSIND-MPU130-105 Datasheet
261Kb / 2P
130W Desk Top Switching Power Supplies For Medical Equipment
MPU130-108 MPSIND-MPU130-108 Datasheet
261Kb / 2P
130W Desk Top Switching Power Supplies For Medical Equipment
More results

Similar Description - MPU131

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6027 NJSEMI-2N6027 Datasheet
140Kb / 1P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
MPU6027 DIGITRON-MPU6027 Datasheet
240Kb / 4P
PROGRAMMABLE UNIJUNCTION TRANSISTORS
D13T3 DIGITRON-D13T3 Datasheet
217Kb / 3P
PROGRAMMABLE UNIJUNCTION TRANSISTORS
D13T1 DIGITRON-D13T1 Datasheet
202Kb / 3P
PROGRAMMABLE UNIJUNCTION TRANSISTORS
2N6116 DIGITRON-2N6116 Datasheet
1Mb / 4P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
2N6027 DIGITRON-2N6027 Datasheet
987Kb / 4P
PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
L911 NJSEMI-L911 Datasheet
389Kb / 1P
OPTO ELECTRONICS DETECTORS-PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Central Semiconductor C...
2N6027 CENTRAL-2N6027_15 Datasheet
522Kb / 3P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com