Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFE212 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MFE212
Description  N-CHANNEL DUAL GATE SILICON NITRIDE PASSIVATED MOS FIELD EFFECT TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MFE212 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MFE212 Datasheet HTML 1Page - Digitron Semiconductors MFE212 Datasheet HTML 2Page - Digitron Semiconductors MFE212 Datasheet HTML 3Page - Digitron Semiconductors MFE212 Datasheet HTML 4Page - Digitron Semiconductors MFE212 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MFE211 – MFE212
N-CHANNEL DUAL GATE SILICON NITRIDE
PASSIVATED MOS FIELD EFFECT TRANSISTORS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
Bandwidth
(VDD = 18 Vdc, VGG = 7.0 Vdc, f = 200 MHz)
(VDD = 18 Vdc, fLO = 245 MHz, f RF = 200 MHz)
(VDD = 18 Vdc, VGG = 6.0 Vdc, f = 45 MHz)
MFE211
MFE212
MFE211
BW
5.0
4.0
3.5
12
7.0
6.0
MHz
Gain Control Gate Supply Voltage (4)
(VDD = 18 Vdc, ΔGps = -30 dB, f = 200 MHz)
(VDD = 18 Vdc, ΔGps = -30 dB, f = 45 MHz)
MFE211
MFE211
VGG(GC)
-
-
-2.0
±1.0
Vdc
1.
All gate breakdown voltages are measured while the device is conducting rated gate current. This ensures that the gate voltage limiting network is functioning
properly.
2.
Pulse test: Pulse width = 300µs, duty cycle ≤ 2%.
3.
This parameter must be measured with bias voltages applied for less than 5 seconds to avoid overheating. The signal is applied to gate 1 with gate 2 at ac ground.
4.
Δ Gps is defined as the change in Gps from the value at VGG = 7.0 volts (MFE211).
5.
Power Gain Conversion. Amplitude at input from local oscillator is adjusted for maximum GC.
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com