Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4988D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4988D
Description  Low drop voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4988D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4988D Datasheet HTML 12Page - STMicroelectronics L4988D Datasheet HTML 13Page - STMicroelectronics L4988D Datasheet HTML 14Page - STMicroelectronics L4988D Datasheet HTML 15Page - STMicroelectronics L4988D Datasheet HTML 16Page - STMicroelectronics L4988D Datasheet HTML 17Page - STMicroelectronics L4988D Datasheet HTML 18Page - STMicroelectronics L4988D Datasheet HTML 19Page - STMicroelectronics L4988D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Application information
L4988
16/32
Doc ID 13617 Rev 6
3
Application information
Figure 24.
L4988 application schematic
Note:
The input capacitor Cs > 200nF is necessary for the smoothing of line disturbances. The
output capacitor C01 > 100nF is necessary for the stability of the regulation loop. In order to
damp output voltage oscillations during high load current surges, it is recommended to put
an additional electrolytic capacitor C02 > 10µF at the output pin.
3.1
Voltage regulator
Voltage regulator uses a p-channel mos transistor as a regulating element. With this
structure a very low dropout voltage at currents up to 200mA is obtained. The output voltage
is regulated up to transient input supply voltage of 40V. No functional interruption due to
over-voltage pulses is generated. A short circuit protection to GND is provided. The high
precision of the output voltage is obtained with a pre-trimmed reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com