Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD200 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MPD200
Description  STABISTORS TIGHT TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MPD200 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MPD200 Datasheet HTML 1Page - Digitron Semiconductors MPD200 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130130
1N4156, 1N4157, 1N4453, 1N4829, 1N4830, 1N5179
STABISTORS
MPD100 – MPD400A
TIGHT TOLERANCE
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Power Rating:
500 mW
Power Derating:
4.0 mW/°C above 50°C
Junction & Storage Temperatures:
-65°C to 175°C
ELECTRICAL CHARACTERISTICS
Maximum Reverse Current
IR
Stored Charge @
1.00mA
QS (pC)
Type
25°C
nA
150°C
μA
@ VR
VOLTS
Minimum Reverse
Breakdown Voltage
VBR(VOLTS) @ 5 μA
Min
Max
Maximum
Capacitance
C(pF) @ 0
VOLTS
Number of
p-n
Junctions
1N4156
50
50
20
30
50
500
25
2
1N4157
50
50
20
30
50
500
20
3
1N4453
50
50
20
30
50
500
30
1
1N4829
100
25 @ 100°C
20
30 @ 100μA
--
--
25
2
1N4830
100
25 @ 100°C
20
30 @ 100μA
--
--
20
3
1N5179
50
--
20
30
50
500
20
4
MPD100
30
50
30
30
75
300
30
1
MPD100A
30
50
30
30
800*
--
40
1
MPD200
30
50
30
30
75
400
30
2
MPD200A
30
50
30
30
800*
--
40
2
MPD300
30
50
30
60
75
400
30
3
MPD300A
30
50
30
60
800*
--
40
3
MPD400
30
50
30
90
60
300
30
4
MPD400A
30
50
30
90
800*
--
40
4
*QS @ 10mA
Forward Voltage VF (VOLTS) at IF @ 25°C
IF
.010mA
IF
0.10mA
IF
1.00mA
IF
10.0mA
IF
100.0mA
Type
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
1N4156
0.740
1.090
0.970
1.220
1.210
1.410
1.380
1.580
1.540
1.840
1N4157
1.190
1.540
1.520
1.770
1.850
2.050
2.120
2.320
2.360
2.660
1N4453
--
--
0.510
0.630
0.600
0.710
0.690
0.800
0.800
0.920
1N4829
--
--
0.840
1.250
0.990
1.440
1.160
1.610
1.350
1.870
1N4830
--
--
1.350
1.800
1.630
2.080
1.900
2.350
2.150
2.690
1N5179
--
--
1.800
2.500
2.200
2.800
2.600
3.200
3.000
3.700
MPD100
0.450
0.500
0.535
0.590
0.618
0.677
0.700
0.765
0.790
0.880
MPD100A
0.450
0.500
0.535
0.590
0.618
0.677
0.700
0.765
0.790
0.880
MPD200
0.900
1.000
1.050
1.160
1.220
1.340
1.390
1.540
1.600
1.760
MPD200A
0.900
1.000
1.050
1.160
1.220
1.340
1.390
1.540
1.600
1.760
MPD300
1.400
1.540
1.620
1.780
1.840
2.030
2.100
2.330
2.400
2.650
MPD300A
1.400
1.540
1.620
1.780
1.840
2.030
2.100
2.330
2.400
2.650
MPD400
1.820
2.010
2.140
2.360
2.470
2.710
2.800
3.070
3.160
3.520
MPD400A
1.820
2.010
2.140
2.360
2.470
2.710
2.800
3.070
3.160
3.520


Similar Part No. - MPD200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPD200 MICROSEMI-MPD200 Datasheet
82Kb / 2P
AXIAL LEAD DIODES
logo
List of Unclassifed Man...
MPD200 ETC1-MPD200 Datasheet
266Kb / 6P
silicon diode
logo
New Jersey Semi-Conduct...
MPD200 NJSEMI-MPD200 Datasheet
118Kb / 1P
FORWARD REGULATOR (Multu-pellet) DIODES
logo
Digitron Semiconductors
MPD200 DIGITRON-MPD200 Datasheet
118Kb / 2P
STABISTORS
MPD200 DIGITRON-MPD200 Datasheet
118Kb / 2P
STABISTORS
More results

Similar Description - MPD200

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
H10B CONNOR-WINFIELD-H10B Datasheet
71Kb / 2P
TIGHT TOLERANCE HCMOS OSCILLATORS
H55 CONNOR-WINFIELD-H55 Datasheet
55Kb / 1P
TIGHT TOLERANCE CLOCKS
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503 Datasheet
92Kb / 3P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD01612-4 PETERMANN-SMD01612-4 Datasheet
78Kb / 1P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02502-4 PETERMANN-SMD02502-4 Datasheet
73Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
logo
Digitron Semiconductors
1N4156 DIGITRON-1N4156 Datasheet
118Kb / 2P
STABISTORS
logo
New Jersey Semi-Conduct...
MZ2360 NJSEMI-MZ2360 Datasheet
104Kb / 2P
STABISTORS
logo
Suntan Capacitors
TSQ-OSC5032 SUNTAN-TSQ-OSC5032 Datasheet
130Kb / 1P
Tight frequence tolerance
TSQ-OSC3225 SUNTAN-TSQ-OSC3225 Datasheet
117Kb / 1P
Tight frequence tolerance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com