Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD300 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MPD300
Description  STABISTORS TIGHT TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MPD300 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MPD300 Datasheet HTML 1Page - Digitron Semiconductors MPD300 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4156, 1N4157, 1N4453, 1N4829, 1N4830, 1N5179
STABISTORS
MPD100 – MPD400A
TIGHT TOLERANCE
MECHANICAL CHARACTERISTICS
Case:
Hermetically sealed glass, DO-35
Thermal Resistance:
200°C/W Typical
Polarity:
Cathode band
DO-35
Inches
Millimeters
Min
Max
Min
Max
BD
0.055
0.090
1.400
2.290
BL
0.120
0.200
3.050
5.080
LD
0.018
0.022
0.460
0.560
LL
1.000
1.500
25.400
38.100
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130130



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com