Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6747A Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6747A
Description  High current MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747A Datasheet(HTML) 3 Page - STMicroelectronics

  L6747A Datasheet HTML 1Page - STMicroelectronics L6747A Datasheet HTML 2Page - STMicroelectronics L6747A Datasheet HTML 3Page - STMicroelectronics L6747A Datasheet HTML 4Page - STMicroelectronics L6747A Datasheet HTML 5Page - STMicroelectronics L6747A Datasheet HTML 6Page - STMicroelectronics L6747A Datasheet HTML 7Page - STMicroelectronics L6747A Datasheet HTML 8Page - STMicroelectronics L6747A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
L6747A
Typical application circuit and block diagram
Doc ID 17126 Rev 1
3/15
1
Typical application circuit and block diagram
Figure 1.
L6747A typical application circuit
Figure 2.
L6747A block diagram
BOOT
UGATE
PHASE
LGATE
HS
LS
VIN = 5V to 12V
L
COUT
Vout
CHF
CBULK
CDEC
GND
PWM
VCC = 5V to 12V
L6747A Reference Schematic
VCC
PWM Input
EN
EN Input
VCC
BOOT
LGATE
UGATE
GND
HS
LS
VCC
PWM
PHASE
CONTROL LOGIC
& PROTECTIONS
L6747A
PWM
EN
70k
7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com