Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFC563D Datasheet(PDF) 2 Page - Sanken electric

Part # TFC563D
Description  Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFC563D Datasheet(HTML) 2 Page - Sanken electric

  TFC563D Datasheet HTML 1Page - Sanken electric TFC563D Datasheet HTML 2Page - Sanken electric TFC563D Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
177
Thyristors
3-1 Thyristors
Package
VGT
(V)
IGT
(mA)
VGD
(V)
min
IH
(mA)
typ
Rth
(°C/W)
max
VF
(V)
max
Conditions
Tc
(°C)
Conditions
Tj
(°C)
VD
(V)
Conditions
IF
(A)
typ
max
typ
max
1.5
30
25
0.1
125
480
12
4.0
1.4
10
TO-220S
Electrical Characteristics
Mass
(g)
1.5
VGT
(V)
IGT
(mA)
typ
max
typ
max
Conditions
Tc
(
°C)
VGD
(V)
min
Tj
(
°C)
Conditions
VD
(V)
dv/dt
(V/
µs)
typ
Conditions
Tj
(
°C)
VD
(V)
IH
(mA)
typ
Rth
(
°C/W)
max
Package
Mass
g
VTM
(V)
max
Conditions
Tc
(
°C)
ITM
(A)
Electrical Characteristics
1.4
25
10
1.5
0.03
0.2
25
0.1
125
1/2VDRM
20
125
1/2VDRM
4.0
4.0
TO220F
1.4
25
10
0.7
1.5
5.0
10
25
0.1
125
1/2VDRM
50
125
1/2VDRM
4.0
SIP12 with Fin
(SLA12Pin)
1.4
25
10
1.5
0.03
0.2
25
0.1
125
1/2VDRM
20
125
1/2VDRM
4.0
4.0
TO220F
2.0
6.0
2.0
1.5
1.5
1.4
1.35
25
25
25
25
10
15
20
20
−
−
−
−
1.0
1.0
1.0
1.0
7.0
7.0
7.0
7.0
15
15
15
15
25
25
25
25
0.2
0.2
0.2
0.2
125
125
125
125
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
300
300
300
300
125
125
125
125
15
15
20
20
4.1
3.8
3.5
3.4
TO220F
TO220F
TO220F
TO220F
2.0
2.0
2.0
2.0
1.5
1.5
1.5
1.35
25
25
25
25
10
15
20
20
−
−
−
−
−
−
−
−
1.0
1.0
1.0
1.0
15
15
15
15
25
25
25
25
0.2
0.2
0.2
0.2
125
125
125
125
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
1/2VDRM
300
300
300
300
125
125
125
125
15
15
20
20
4.1
3.8
3.5
3.4
TO220F
TO220F
TO220F
TO220F
2.0
2.0
2.0
2.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com