Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DL161 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
21
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
9.
Protection Commands and Features
9.1
Write Enable
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a Logical 1 state.
The WEL bit must be set before a Byte/Page Program, Erase, Protect Sector, Unprotect Sector, Sector Lockdown,
Freeze Sector Lockdown State, Program OTP Security Register, Write Status Register, or Write Configuration Register
command can be executed. This makes the issuance of these commands a two-step process, thereby reducing the
chances of a command being accidentally or erroneously executed. If the WEL bit in the Status Register is not set prior to
the issuance of one of these commands, then the command will not be executed.
To issue the Write Enable command, the CS pin must first be asserted and then the opcode 06h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the WEL bit in the Status Register will be set to a Logical 1. The complete opcode must
be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte
boundary (multiples of eight bits); otherwise, the device will abort the operation and the state of the WEL bit will not
change.
Figure 9-1. Write Enable
SCK
CS
SI
SO
MSB
23
1
0
00000110
67
5
4
Opcode
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com