Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1725672 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1725672
Description  ENERGY HARVESTING ELECTRONICS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1725672 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  1725672 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PERFORMANCE PLOTS
7
REVISION N0. 002
REVISION DATE: 01-23-2013
EHE004
D9
GND
BAT43W
J3
SW1
P$6
P$1
P$2
P$3
P$4
P$5
QPXX_RA
SW3
1
2
3
J4
2
VNS0
VNS1
4
5
6
VIN2
SW2
SW2
GND
1
2
3
CAS-D20
GND
VCAP
C2
C100 C101
+
PAD
9
8
7
6
2
1 PZ1
PZ2
CAP
VIN
SW
GND
PGOOD
D0
D1
VIN2
VOUT
3
4
5
U1
GND
V+
PGOOD
VCAP
GND
VOS0
VOS1
4.7uF
VIN2
10uH
C3
47uF
C4
DNP
GND
PGOOD
LTC3588MSE
L1
P$4
P$3
P$2
P$1
J1
SW2: Output Voltage Select
VOS1
0
0
1
1
0
1
0
1
1.8V
2.5V
3.3V
3.6V
3.45V
4.1V
4.5V
5.0V
VOS0
3588-1
3588-2
Volture V2xx pin 1-4 is as follows:
Piezo wafers on pin 1&2, 3&4
SW3/J4 “Superseries” select
1-2: Normal bridges operation
2-3: Halfbridge operation
SW1: Piezo Conection
Down: Wafers in parallel
Up: Wafers in series
Volture™
Product
A
B without J3
Connector
B with J3
Connector
V20W / V25W
1.250
0.588
0.986
V21B / V21BL
0.600
0.633
1.031
V22B / V22BL
N/A
N/A
N/A
V20W / V25W
1.250
0.588
0.986
V21B / V21BL
0.600
0.633
1.031
V22B / V22BL
N/A
N/A
N/A
Figure 2: EHE004 Board dimensions when used with one of
Mide’s Volture energy harvesters. Maximum component
height on the board is 0.10”. All dimensions are in inches.
0.100
0.700
A
1.450
1.600
EHE004
VOLTURE PRODUCT
2 X
0.089
2-56 THRU
B
the only setting that was able to provide any output was
the Superseries, Parallel setting. From approximately
0.175 gee to 0.25 gee the Normal, Series setting was
best. For all amplitudes above 0.25 gee the Normal,
Parallel was the most efficient. It should be noted that
these curves will vary substantially depending on the
product that is used as well as the tip mass that is used
to tune the product. In conclusion what this
representative curve shows is that the piezo’s output
energy and voltage for certain settings will allow the
system to operate closer to the half open circuit voltage
causing more efficient operation. For low level vibration
the series setting is needed to get the piezo voltage output
to reach the minimum voltage to operate the EHE004.
BOARD SCHEMATIC AND DIMENSIONS
Figure 2b: EHE004 Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com