Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EH1 Datasheet(PDF) 2 Page - Sanken electric

Part # EH1
Description  Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EH1 Datasheet(HTML) 2 Page - Sanken electric

  EH1 Datasheet HTML 1Page - Sanken electric EH1 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
200
Diodes
2.7 ±0.2
φ
0.78 ±0.05
φ
Cathode band
• No. 1 Surface-Mount (SJP)
• No. 2 Surface-Mount (D pack)
• No. 3 Surface-Mount (D pack) Center-tap
Package Type (Dimensions)
6.5±0.4
2.3±
0.4
5.4
4.9
4.1
5.4
a.
b.
c.
±0.4
0.8±
0.1
0.8
1.5 max
±0.1
0.55 ±0.1
0.55±
0.1
1.15
1
2
3
±0.1
2.29±0.5 2.29±0.5
0 to 0.25
2.9
a: Part Number
b: Polarity
c: Lot No.
13
2(Common to heatsink)
NC
Anode
Cathode
A
0.4±0.1
10.2±0.3
1.3±0.2
4.44±0.2
123
2.54±0.1
(Measured at the root)
2.54±0.1
(Measured at the root)
(5)
0.86
+0.2
–0.1
1.34
+0.2
–0.1
9.9±0.2
( 1.5 Dp0.2)
1.2±0.2
4.5±0.2
1.3±0.1
15.3±0.3
0.8±0.1
2.54TYP
(0.4)
(15°)
1.4±0.2
2.54TYP
1.27±0.1
4.9±0.2
9.2±0.2
(4.6)
2.0±0.1
0.5±0.1
2.4±0.2
0.1±0.15
2.54±0.3
(0.75)
(R0.3)
10.0±0.2
φ
(3°)
(3°)
6.5±0.4
2.3±
0.4
5.4
4.9
4.1
5.4
a.
b.
c.
±0.4
0.8±
0.1
0.8
1.5 max
±0.1
0.55 ±0.1
0.55±
0.1
1.15
1
2
3
±0.1
2.29±0.5 2.29±0.5
0 to 0.25
2.9
a: Part Number
b: Polarity
c: Lot No.
13
2(Common to heatsink)
Anode
Anode
Cathode(Common)
10.2±
0.3
2.54±
0.5
0.4±
0.1
2.59±
0.2
1.3±
0.2
4.44±
0.2
2.54±
0.5
1.2±
0.2
1.27±
0.2
0.1
+
0.2
–
0.1
0.86
+
0.2
–
0.1
a: Part Number
b: Polarity
c: Lot No.
a
b
c
qe
w
q
e
w
10.2±
0.3
2.54±
0.5
0.4±
0.1
2.59±
0.2
1.3±
0.2
4.44±
0.2
2.54±
0.5
1.2±
0.2
1.27±
0.2
0.1
+
0.2
–
0.1
0.86
+
0.2
–
0.1
a: Part Number
b: Polarity
c: Lot No.
a
b
c
qe
w
qe
w
8.5±0.5
10.0±0.3
5.0±0.3
(4.6)
(2.5)
5±0.3
2±0.3
2.7±0.3
3±0.5
7.2±0.5
10±0.3
5.0±0.3
2.4 ±0.1
φ
0.57 ±0.02
φ
Cathode band
2.7 ±0.2
φ
0.6 ±0.05
φ
Cathode band
2.7±0.2
0.6
φ
φ
• No. 4 Surface-Mount (TO263)
• No. 5 Surface-Mount (TO220S)
• No. 6 Surface-Mount (TO220S)
MPL-102S, MP2-202S, MPL-1036
• No. 7 Surface-Mount (TO220S) Center-tap
• No. 8 Surface-Mount (SZ-10)
• No. 9 Axial (φ2.4/φ0.6)
• No. 10 Axial (φ2.7/φ0.6)
• No. 11 Axial (φ2.7/φ0.6)
• No. 12 Axial (φ2.7/φ0.78)
Silicon Varistors (Symmetrical)
*w is common to the frame.
+0.4
–0.1
5.0
1.3±0.4
1.5±0.2
4.5±0.2
1.3±0.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com