Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM01 Datasheet(PDF) 3 Page - Sanken electric

Part # EM01
Description  Silicon Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EM01 Datasheet(HTML) 3 Page - Sanken electric

  EM01 Datasheet HTML 1Page - Sanken electric EM01 Datasheet HTML 2Page - Sanken electric EM01 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
EM01
050107
3/3
61426-01
7 Package information
7-1 Package type, physical dimensions and material
*1
The allowance position of Body against the center of whole lead wire is 0.5mm(max.)
*2
The centric allowance of lead wire against center of physical body is 0.2mm(max.)
*3
The burr may exit up to 2mm from the body of lead
7-2 Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
7-3Marking
①Type number M0 as abbreviated of EM01
②Class number:-
③Lot number
A:Last digit of calendar year
B:Month (From 1 to 9 for Jan. to Sep. O for Oct. N for Nov. D for Dec.)
④Ten days (・first ten days,・・second ten days,…third ten days)
The type No. VRM rank and Lot No. are to be marked in white.
.
Dimensions in mm
5.0
} 0.2
62.3 
} 0.7

¦ 1

¦ 2

¦ 3
Cathode Mark



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com