Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RL78
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 9Page - Renesas Technology Corp RL78 Datasheet HTML 10Page - Renesas Technology Corp RL78 Datasheet HTML 11Page - Renesas Technology Corp RL78 Datasheet HTML 12Page - Renesas Technology Corp RL78 Datasheet HTML 13Page - Renesas Technology Corp RL78 Datasheet HTML 14Page - Renesas Technology Corp RL78 Datasheet HTML 15Page - Renesas Technology Corp RL78 Datasheet HTML 16Page - Renesas Technology Corp RL78 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
RL78 Family
Chapter 2
EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 13 of 53
Mar. 28, 2014
The EEL pool has the four states shown below.
Table 2-1
States of the EEL Pool
State
Description
Pool operational
This is the usual case during EEL operation. All commands are available and can be executed.
Pool full
Free space for data write is insufficient in the active block in use. This state indicates that a
refresh needs to be executed.
Pool exhausted
No continuously usable EEL block is left. (At least two blocks that are not excluded are
necessary for EEL operations.)
Pool inconsistent
There is a mismatch in the pool state and the data structure in the EEL block does not match
the user-set data structure. The EEL block is in the undefined state (e.g. no active block is
present).
2. 3. 3
Structure of EEL Block
The detailed block structure used by the EEL is depicted in Figure 2-4. In general, an EEL block is divided into three
utilized areas: the block header, the reference area and the data area.
Figure 2-4
ELL Block Structure (Example of RL78/G13 Data Flash Block 0)
Table 2-2
Configuration of Each EEL Block
Name
Description
block header
The block header contains all block status information needed for the block management
within the EEL-pool. It has a fixed size of 8 bytes.
reference area
The reference area contains reference data which are required for the management of
data. When data is written, this area extends in the address increment direction.
data area
The data area contains user data. When data is written, this area extends in the address
decrement direction.
block header
reference area
separator (erased 2 bytes)
erased area
(all bytes 0xFF)
data area
0xF1000
0xF13FF
growing
growing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com